Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYV27 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BYV27
Description  2.0A SUPER-FAST GLASS BODY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BYV27 Datasheet(HTML) 2 Page - Diodes Incorporated

  BYV27 Datasheet HTML 1Page - Diodes Incorporated BYV27 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DS30038 Rev. A - PRELIMINARY
2 of 2
BYV27/50 / BYV27/200
0
1
2
3
4
025
50
75
100
125
150
175
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
A
°
Single phase half wave
Resistive or Inductive load
0.1
1
10
100
0.01
0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig.2 Typical Forward Characteristics
F
T = 25 C
j
°
0.6
1.2
1.8
2.4
3.0
0.1
1
10
100
1000
0
T , Junction Temperature ( C)
Fig.3 Typical Reverse Characteristics
j
°
V= V
R
RRM
40
80
120
160
200
50V DC
Approx
50 NI
Ω
50 NI
Ω
1.0
NI
Ω
Oscilloscope
(Note 1)
Pulse
Generator
(Note 2)
Device
Under
Test
trr
Set time base for 50/100 ns/cm
+0.5A
0
-0.25A
-1.0A
Notes:
1. Rise Time = 7.0ns max. Input impedance = 1.0M , 22pF.
2. Rise Time = 10ns max. Input impedance = 50 .
Ω
Ω
Fig. 4 Reverse Recovery Time Characteristic and Test Circuit
(+)
(+)
(-)
(-)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com