Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6018B Datasheet (PDF) - Intersil Corporation

HIP6018B Datasheet PDF - Intersil Corporation
Part # HIP6018B
Download  HIP6018B Download
File Size   390.11 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Advanced PWM and Dual Linear Power Control

HIP6018B Datasheet (PDF)

Go To PDF Page Download Datasheet
HIP6018B Datasheet PDF - Intersil Corporation

Part # HIP6018B
Download  HIP6018B Click to download

File Size   390.11 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Advanced PWM and Dual Linear Power Control

HIP6018B Datasheet (HTML) - Intersil Corporation


HIP6018B Product details

The HIP6018B provides the power control and protection for three output voltages in high-performance microprocessor and computer applications. The IC integrates a PWM controllers, a linear regulator and a linear controller as well as the monitoring and protection functions into a single package. The PWM controller regulates the microprocessor core voltage with a synchronous-rectified buck converter. The linear controller regulates power for the GTL bus and the linear regulator provides power for the clock driver circuit.

Features
• Provides 3 Regulated Voltages
    - Microprocessor Core, Clock and GTL Power
• Drives N-Channel MOSFETs
• Operates from +3.3V, +5V and +12V Inputs
• Simple Single-Loop PWM Control Design
    - Voltage-Mode Control
• Fast Transient Response
    - High-Bandwidth Error Amplifier
    - Full 0% to 100% Duty Ratios
• Excellent Output Voltage Regulation
    - Core PWM Output: ±1% Over Temperature
    - Other Outputs: ±2.5% Over Temperature
• TTL-Compatible 5-Bit Digital-to-Analog Core Output Voltage Selection
    - Wide Range . . . . . . . . . . . . . . . . . . . 1.3VDC to 3.5VDC
    - 0.1V Steps . . . . . . . . . . . . . . . . . . . . 2.1VDC to 3.5VDC
    - 0.05V Steps . . . . . . . . . . . . . . . . . . 1.3VDC to 2.05VDC
• Power-Good Output Voltage Monitor
• Microprocessor Core Voltage Protection Against Shorted MOSFET
• Over-Voltage and Over-Current Fault Monitors
    - Does Not Require Extra Current Sensing Element, Uses MOSFET’s rDS(ON)
• Small Converter Size
    - Constant Frequency Operation
    - 200kHz Free-Running Oscillator; Programmable from 50kHz to over 1MHz
• Pb-Free Available (RoHS Compliant)

Applications
• Full Motherboard Power Regulation for Computers
• Low-Voltage Distributed Power Supplies




Similar Part No. - HIP6018B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6018B INTERSIL-HIP6018B Datasheet
134Kb / 14P
Advanced PWM and Dual Linear Power Control
May 1999
HIP6018B INTERSIL-HIP6018B Datasheet
382Kb / 15P
Advanced PWM and Dual Linear Power Control
April 1, 2005
logo
Renesas Technology Corp
HIP6018B RENESAS-HIP6018B Datasheet
758Kb / 15P
Advanced PWM and Dual Linear Power Control
logo
Intersil Corporation
HIP6018BCB INTERSIL-HIP6018BCB Datasheet
134Kb / 14P
Advanced PWM and Dual Linear Power Control
May 1999
HIP6018BCB INTERSIL-HIP6018BCB Datasheet
382Kb / 15P
Advanced PWM and Dual Linear Power Control
April 1, 2005
More results


Similar Description - HIP6018B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6016 INTERSIL-HIP6016 Datasheet
130Kb / 14P
Advanced PWM and Dual Linear Power Control
January 1999
HIP6017 INTERSIL-HIP6017 Datasheet
135Kb / 14P
Advanced PWM and Dual Linear Power Control
April 1998
HIP6018 INTERSIL-HIP6018 Datasheet
133Kb / 14P
Advanced PWM and Dual Linear Power Control
April 1998
FN4496 INTERSIL-FN4496 Datasheet
323Kb / 14P
Advanced PWM and Dual Linear Power Control
April 1999
logo
Anpec Electronics Corop...
APW7015 ANPEC-APW7015 Datasheet
66Kb / 6P
Advanced PWM and Dual Linear Power Control
APW7025 ANPEC-APW7025 Datasheet
62Kb / 6P
Advanced PWM and Dual Linear Power Control
logo
Intersil Corporation
HIP6018B INTERSIL-HIP6018B_05 Datasheet
382Kb / 15P
Advanced PWM and Dual Linear Power Control
April 1, 2005
logo
Renesas Technology Corp
HIP6018B RENESAS-HIP6018B Datasheet
758Kb / 15P
Advanced PWM and Dual Linear Power Control
HIP6016 RENESAS-HIP6016 Datasheet
766Kb / 14P
Advanced PWM and Dual Linear Power Control
January 1999
HIP6018 RENESAS-HIP6018 Datasheet
1Mb / 30P
Advanced PWM and Dual Linear Power Control
April 1999
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com