Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL4216 Datasheet (PDF) - Vishay Siliconix

IL4216 Datasheet PDF - Vishay Siliconix
Part # IL4216
Download  IL4216 Download
File Size   125.14 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototriac Output, High dV/dt, Low Input Current

IL4216 Datasheet (PDF)

Go To PDF Page Download Datasheet
IL4216 Datasheet PDF - Vishay Siliconix

Part # IL4216
Download  IL4216 Click to download

File Size   125.14 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototriac Output, High dV/dt, Low Input Current

IL4216 Datasheet (HTML) - Vishay Siliconix


IL4216 Product details

DESCRIPTION
The IL4216, IL4217, IL4218 consists of an AlGaAs IRLED optically coupled to a pair of photosensitive non-zero crossing SCR chips and are connected inversely parallel to form a TRIAC. These three semiconductors are assembled in a six pin 0.3 inch dual in-line package.

FEATURES
• High input sensitivity IFT = 1.3 mA
• 300 mA on-state current
• High static dV/dt 10000 V/μs, typical
• Very low leakage < 10 μA
• Isolation test voltage 5300 VRMS
• Compliant to RoHS Directive 2002/95/EC and in accordance to WEEE 2002/96/EC

APPLICATIONS
• Solid state relay
• Industrial controls
• Office equipment
• Consumer appliances




Similar Part No. - IL4216

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL4216 SIEMENS-IL4216 Datasheet
85Kb / 3P
TRIAC DRIVER OPTOCOUPLER
logo
Vishay Siliconix
IL4216 VISHAY-IL4216 Datasheet
489Kb / 8P
Optocoupler, Phototriac Output, High dV/dt, Very Low Input Current
09-Jan-08
IL4216 VISHAY-IL4216 Datasheet
166Kb / 7P
Optocoupler, Phototriac Output, High dV/dt, Low Input Current
14-Jan-2022
IL4216-X001 VISHAY-IL4216-X001 Datasheet
166Kb / 7P
Optocoupler, Phototriac Output, High dV/dt, Low Input Current
14-Jan-2022
IL4216-X006 VISHAY-IL4216-X006 Datasheet
489Kb / 8P
Optocoupler, Phototriac Output, High dV/dt, Very Low Input Current
09-Jan-08
More results


Similar Description - IL4216

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL420 VISHAY-IL420 Datasheet
271Kb / 7P
Optocoupler, Phototriac Output, High dV/dt, Low Input Current
26-Apr-04
VO4254 VISHAY-VO4254 Datasheet
125Kb / 9P
Optocoupler, Phototriac Output, High dV/dt, Low Input Current
30-Aug-06
VO4257 VISHAY-VO4257 Datasheet
107Kb / 8P
Optocoupler, Phototriac Output, High dV/dt, Low Input Current
03-Nov-08
IL420 VISHAY-IL420_12 Datasheet
169Kb / 7P
Optocoupler, Phototriac Output, High dV/dt, Low Input Current
29-Mar-11
VO4258H VISHAY-VO4258H Datasheet
129Kb / 7P
Optocoupler, Phototriac Output, High dV/dt, Low Input Current
29-Feb-12
IL420 VISHAY-IL420_13 Datasheet
168Kb / 7P
Optocoupler, Phototriac Output, High dV/dt, Low Input Current
11-Jun-13
VO4254 VISHAY-VO4254_12 Datasheet
137Kb / 7P
Optocoupler, Phototriac Output, High dV/dt, Low Input Current
13-Apr-12
VO4256 VISHAY-VO4256_V01 Datasheet
230Kb / 11P
Optocoupler, Phototriac Output, High dV/dt, Low Input Current
15-Nov-2021
VO4258 VISHAY-VO4258_V01 Datasheet
181Kb / 7P
Optocoupler, Phototriac Output, High dV/dt, Low Input Current
19-Jan-2022
IL420 VISHAY-IL420_V01 Datasheet
197Kb / 9P
Optocoupler, Phototriac Output, High dV/dt, Low Input Current
22-Mar-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com