Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR801 Datasheet (PDF) - Diodes Incorporated

FR801 Datasheet PDF - Diodes Incorporated
Part # FR801
Download  FR801 Download
File Size   60.42 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 8.0A FAST RECOVERY RECTIFIER

FR801 Datasheet (PDF)

Go To PDF Page Download Datasheet
FR801 Datasheet PDF - Diodes Incorporated

Part # FR801
Download  FR801 Click to download

File Size   60.42 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 8.0A FAST RECOVERY RECTIFIER

FR801 Datasheet (HTML) - Diodes Incorporated


FR801 Product details

Features
● Low Reverse Recovery Time
● Low Leakage
● Low Forward Voltage Drop
● High Current Capability
● High Surge Capability
● Plastic Material - UL Flammability Rating 94V-0
● High Reliability

Mechanical Data
● Case: TO-220A, Molded Plastic
● Terminals: Plated Axial Leads, Solderable per MIL-STD-202, Method 208
● Polarity: See Diagram at Right
● Approx. Weight: 2.24 grams
● Mounting Position: Any




Similar Part No. - FR801

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FR801 RECTRON-FR801 Datasheet
25Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 800 Volts CURRENT 8.0 Amperes)
logo
Bytes
FR801 BYTES-FR801 Datasheet
160Kb / 2P
8.0 AMP FAST RECOVERY RECTIFIERS
logo
Formosa MS
FR801 FORMOSA-FR801 Datasheet
36Kb / 2P
8.0 AMP FAST RECOVERY RECTIFIERS
logo
DAESAN ELECTRONIC CORP.
FR801 DAESAN-FR801 Datasheet
316Kb / 2P
CURRENT 8.0 Amperes VOLTAGE 50 to 1000 Volts
logo
Galaxy Semi-Conductor H...
FR801 BILIN-FR801 Datasheet
161Kb / 2P
FAST RECOVERY RECTIFIER
More results


Similar Description - FR801

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
FR801G WTE-FR801G Datasheet
53Kb / 3P
8.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
SF81 DIODES-SF81 Datasheet
63Kb / 2P
8.0A SUPER-FAST RECOVERY RECTIFIER
DS24005 Rev. C-3
STPR805DF DIODES-STPR805DF Datasheet
66Kb / 2P
8.0A SUPER-FAST GLASS PASSIVATED RECTIFIER
DS14010 Rev. C-2
logo
TAITRON Components Inco...
TF801L TAITRON-TF801L Datasheet
131Kb / 4P
8.0A Fast Recovery Rectifier
logo
Shenzhen Luguang Electr...
FR801 LUGUANG-FR801 Datasheet
161Kb / 2P
8.0A Fast Recovery Rectifier
SF81 LUGUANG-SF81 Datasheet
174Kb / 2P
8.0A Super Fast Recovery Rectifier
logo
KIA Semiconductor Techn...
08TB70D KIA-08TB70D Datasheet
164Kb / 2P
FAST RECOVERY DIODE 8.0A竊?00V
08TB60B KIA-08TB60B Datasheet
37Kb / 2P
FAST RECOVERY DIODE 8.0A竊?00V
logo
DONGGUAN YOU FENG WEI E...
D3K803SF YFWDIODE-D3K803SF Datasheet
641Kb / 3P
8.0A Super Fast Recovery Rectifier Bridge
TTF803E YFWDIODE-TTF803E Datasheet
297Kb / 3P
8.0A Super Fast Recovery Rectifier Bridge
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com