Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR801 Datasheet (PDF) - Formosa MS

FR801 Datasheet PDF - Formosa MS
Part # FR801
Download  FR801 Download
File Size   36.94 Kbytes
Page   2 Pages
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS
Description 8.0 AMP FAST RECOVERY RECTIFIERS

FR801 Datasheet (PDF)

Go To PDF Page Download Datasheet
FR801 Datasheet PDF - Formosa MS

Part # FR801
Download  FR801 Click to download

File Size   36.94 Kbytes
Page   2 Pages
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS
Description 8.0 AMP FAST RECOVERY RECTIFIERS

FR801 Datasheet (HTML) - Formosa MS


FR801 Product details

VOLTAGE RANGE 50 to 800 Volts
CURRENT 8.0 Amperes

FEATURES
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability

MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Lead solderable per MIL-STD-202, method 208 guranteed
* Polarity: As Marked
* Mounting position: Any
* Weight: 2.24 grams




Similar Part No. - FR801

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FR801 RECTRON-FR801 Datasheet
25Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 800 Volts CURRENT 8.0 Amperes)
logo
Bytes
FR801 BYTES-FR801 Datasheet
160Kb / 2P
8.0 AMP FAST RECOVERY RECTIFIERS
logo
Diodes Incorporated
FR801 DIODES-FR801 Datasheet
60Kb / 2P
8.0A FAST RECOVERY RECTIFIER
DS26005 Rev. D-3
logo
DAESAN ELECTRONIC CORP.
FR801 DAESAN-FR801 Datasheet
316Kb / 2P
CURRENT 8.0 Amperes VOLTAGE 50 to 1000 Volts
logo
Galaxy Semi-Conductor H...
FR801 BILIN-FR801 Datasheet
161Kb / 2P
FAST RECOVERY RECTIFIER
More results


Similar Description - FR801

ManufacturerPart #DatasheetDescription
logo
Bytes
FR801 BYTES-FR801 Datasheet
160Kb / 2P
8.0 AMP FAST RECOVERY RECTIFIERS
SF81 BYTES-SF81 Datasheet
165Kb / 2P
8.0 AMP SUPER FAST RECTIFIERS
logo
Formosa MS
SF81 FORMOSA-SF81 Datasheet
39Kb / 2P
8.0 AMP SUPER FAST RECTIFIERS
logo
First Components Intern...
FR80 FCI-FR80 Datasheet
134Kb / 2P
8.0 Amp FAST RECOVERY PLASTIC RECTIFIERS Mechanical Dimensions
logo
UNIOHM CORPORATION
FR801 UNIOHM-FR801 Datasheet
71Kb / 2P
8.0 AMP FAST RECOVERY RECTIFIERS
logo
Goodwork Semiconductor ...
SF81 GWSEMI-SF81 Datasheet
76Kb / 2P
8.0 AMP SUPER FAST RECTIFIERS
SFF81 GWSEMI-SFF81 Datasheet
75Kb / 2P
8.0 AMP SUPER FAST RECTIFIERS
FR801 GWSEMI-FR801 Datasheet
71Kb / 2P
8.0 AMP FAST RECOVERY RECTIFIERS
FRF801 GWSEMI-FRF801 Datasheet
71Kb / 2P
8.0 AMP FAST RECOVERY RECTIFIERS
logo
Nanjing International G...
FR801 DGNJDZ-FR801 Datasheet
179Kb / 2P
8.0 AMP FAST RECOVERY RECTIFIERS
More results




About Formosa MS


Formosa MS is a Taiwanese semiconductor company that specializes in the design and manufacture of integrated circuits (ICs) and semiconductor devices for a wide range of applications. The company was founded in 1979 and is based in Taipei, Taiwan.

Formosa MS's product portfolio includes analog and mixed-signal ICs, power management ICs, LED lighting ICs, and automotive ICs, among others. The company's products are used in various industries, such as automotive, industrial, consumer electronics, and communications.

Formosa MS is committed to quality and reliability, and it has obtained various certifications, including ISO 9001, ISO 14001, and IATF 16949. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Formosa MS is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and innovative solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com