Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC Datasheet (PDF) - Hammond Manufacturing Ltd.

MPC Datasheet PDF - Hammond Manufacturing Ltd.
Part # MPC
Download  MPC Download
File Size   60.22 Kbytes
Page   1 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description Plaque de recouvrement a aimant

MPC Datasheet (PDF)

Go To PDF Page Download Datasheet
MPC Datasheet PDF - Hammond Manufacturing Ltd.

Part # MPC
Download  MPC Click to download

File Size   60.22 Kbytes
Page   1 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description Plaque de recouvrement a aimant

MPC Datasheet (HTML) - Hammond Manufacturing Ltd.


MPC Product details

Characteristics
• This 3mm thick magnetic sheet can cover most vents and fans.
• Used to control air flow or block air flow to certain places.
• Includes two (2) sheets 16 "wide by 6" high.
• The magnet is just strong enough to adhere to the metal surface but not strong enough to cause problems with the support.




Similar Part No. - MPC

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
MPC DBLECTRO-MPC Datasheet
178Kb / 2P
Metallized Polyester Film Capacitor (Axial and Oval)
logo
RUBYCON CORPORATION
MPC RUBYCON-MPC Datasheet
284Kb / 2P
POWER FILM CAPACITORS
logo
API Technologies Corp
MPC APITECH-MPC Datasheet
142Kb / 2P
61-MPC Series
logo
Neutrik AG
MPC NEUTRIK-MPC Datasheet
6Mb / 24P
Circular Connectors
2019/07-V20
logo
TE Connectivity Ltd
MPC TEC-MPC Datasheet
1Mb / 16P
Passive Components
August 2007
More results


Similar Description - MPC

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1584H HAMMOND-1584H Datasheet
77Kb / 2P
Barres d alimentation de qualit챕 m챕dicale de 15 A
1485H HAMMOND-1485H Datasheet
64Kb / 1P
Plaque de recouvrement
1485S9 HAMMOND-1485S9 Datasheet
52Kb / 1P
Plaque detancheite dangle
1485SM HAMMOND-1485SM Datasheet
47Kb / 1P
Plaque detancheite plate
1487H HAMMOND-1487H Datasheet
63Kb / 1P
Plaque de recouvrement
1487HSS HAMMOND-1487HSS Datasheet
45Kb / 1P
Plaque de recouvrement
GRDKIT HAMMOND-GRDKIT Datasheet
71Kb / 1P
Ensembles de fils de mise a la terre
S2CBC HAMMOND-S2CBC Datasheet
68Kb / 1P
Plaque de recouvrement pour base
S2CDC HAMMOND-S2CDC Datasheet
87Kb / 2P
Plaque de recouvrement pour pupitre
SDA HAMMOND-SDA Datasheet
68Kb / 1P
Ensemble de bouchon de mise a lair libre
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com