Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP940 Datasheet (PDF) - SIPAT Co,Ltd

SP940 Datasheet PDF - SIPAT Co,Ltd
Part # SP940
Download  SP940 Download
File Size   696.93 Kbytes
Page   6 Pages
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd
Description 940.5MHz RF SAW Filter 39MHz Bandwidth

SP940 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP940 Datasheet PDF - SIPAT Co,Ltd

Part # SP940
Download  SP940 Click to download

File Size   696.93 Kbytes
Page   6 Pages
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd
Description 940.5MHz RF SAW Filter 39MHz Bandwidth

SP940 Datasheet (HTML) - SIPAT Co,Ltd




Similar Part No. - SP940

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SP940 ETC2-SP940 Datasheet
690Kb / 6P
940.5MHz RF SAW Filter 39MHz Bandwidth
logo
SIPAT Co,Ltd
SP940 SIPAT-SP940 Datasheet
690Kb / 6P
940.5MHz RF SAW Filter 39MHz Bandwidth
More results


Similar Description - SP940

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SP88201 ETC-SP88201 Datasheet
545Kb / 8P
881.5MHz RF SAW Filter 25MHz Bandwidth
SP940 ETC2-SP940 Datasheet
690Kb / 6P
940.5MHz RF SAW Filter 39MHz Bandwidth
logo
SIPAT Co,Ltd
SP940 SIPAT-SP940 Datasheet
690Kb / 6P
940.5MHz RF SAW Filter 39MHz Bandwidth
SP43303 SIPAT-SP43303 Datasheet
551Kb / 8P
433.92MHz RF SAW Filter 1.7MHz Bandwidth
SP83701 SIPAT-SP83701 Datasheet
545Kb / 8P
836.5MHz RF SAW Filter 25MHz Bandwidth
SP88201 SIPAT-SP88201 Datasheet
545Kb / 8P
881.5MHz RF SAW Filter 25MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TA0460A TAI-SAW-TA0460A Datasheet
293Kb / 6P
SAW Filter 940.5MHz SMD 3.0횞3.0mm
logo
SIPAT Co,Ltd
SP43302 SIPAT-SP43302 Datasheet
549Kb / 8P
433.92MHz RF SAW Filter 0.6MHz Bandwidth
SP43303 SIPAT-SP43303 Datasheet
557Kb / 8P
433.92MHz RF SAW Filter 1.7MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TA0460C TAI-SAW-TA0460C Datasheet
591Kb / 7P
SAW Filter 940.5MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com