Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP940 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # SP940
Description  940.5MHz RF SAW Filter 39MHz Bandwidth
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP940 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  SP940 Datasheet HTML 1Page - SIPAT Co,Ltd SP940 Datasheet HTML 2Page - SIPAT Co,Ltd SP940 Datasheet HTML 3Page - SIPAT Co,Ltd SP940 Datasheet HTML 4Page - SIPAT Co,Ltd SP940 Datasheet HTML 5Page - SIPAT Co,Ltd SP940 Datasheet HTML 6Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
SP940
Rev. Date
2006-7-17
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 1/6
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
940.5MHz RF SAW Filter
39MHz Bandwidth
Part Number: SP940
A. MAXIMUM RATING:
1.
Input Power Level: 13 dBm
2.
DC Voltage : 3V
3. Operating Temperature: -20°C to +85°C
4.
Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Specification
Characteristics
Min
Typ
Max
Note
Center frequency
Fc
MHz
-
940.5
-
-
Insertion loss
921~960 MHz I.L.
dB
-
3
4.5
-
Ripple
921~960 MHz
dB
-
1.5
2.9
-
VSWR
921~960 MHz
-
1.8
3.0
Attenuation: ( Reference level from 0 dB )
0 ~ 800 MHz
dB
40
65
-
-
800 ~ 878 MHz
dB
35
56
-
-
878 ~ 897 MHz
dB
25
58
-
-
982 ~ 1005 MHz
dB
22
30
-
-
1005 ~ 1035 MHz
dB
29
41
-
-
1035 ~ 1500 MHz
dB
38
52
-
-
1500~ 2300 MHz
dB
30
51
-
-
2300 ~ 3000 MHz
dB
20
35
-
-
Source Impedance
ZS
Ω
50
1
Load Impedance
ZL
Ω
50
1
Note1. No matching network required for operation at 50
Ω
C. MEASUREMENT CIRCUIT:
50Ω
HP Network analyzer
50Ω
SAW Filter
B
E
A,C,D,F


Similar Part No. - SP940

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SP940 ETC2-SP940 Datasheet
690Kb / 6P
940.5MHz RF SAW Filter 39MHz Bandwidth
logo
SIPAT Co,Ltd
SP940 SIPAT-SP940 Datasheet
690Kb / 6P
940.5MHz RF SAW Filter 39MHz Bandwidth
More results

Similar Description - SP940

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SP88201 ETC-SP88201 Datasheet
545Kb / 8P
881.5MHz RF SAW Filter 25MHz Bandwidth
SP940 ETC2-SP940 Datasheet
690Kb / 6P
940.5MHz RF SAW Filter 39MHz Bandwidth
logo
SIPAT Co,Ltd
SP940 SIPAT-SP940 Datasheet
690Kb / 6P
940.5MHz RF SAW Filter 39MHz Bandwidth
SP43303 SIPAT-SP43303 Datasheet
551Kb / 8P
433.92MHz RF SAW Filter 1.7MHz Bandwidth
SP83701 SIPAT-SP83701 Datasheet
545Kb / 8P
836.5MHz RF SAW Filter 25MHz Bandwidth
SP88201 SIPAT-SP88201 Datasheet
545Kb / 8P
881.5MHz RF SAW Filter 25MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TA0460A TAI-SAW-TA0460A Datasheet
293Kb / 6P
SAW Filter 940.5MHz SMD 3.0횞3.0mm
logo
SIPAT Co,Ltd
SP43302 SIPAT-SP43302 Datasheet
549Kb / 8P
433.92MHz RF SAW Filter 0.6MHz Bandwidth
SP43303 SIPAT-SP43303 Datasheet
557Kb / 8P
433.92MHz RF SAW Filter 1.7MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TA0460C TAI-SAW-TA0460C Datasheet
591Kb / 7P
SAW Filter 940.5MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com