Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MURS320 Datasheet (PDF) - Diodes Incorporated

MURS320 Datasheet PDF - Diodes Incorporated
Part # MURS320
Download  MURS320 Download
File Size   64.27 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 3.0A SURFACE MOUNT SUPER-FAST RECTIFIER

MURS320 Datasheet (PDF)

Go To PDF Page Download Datasheet
MURS320 Datasheet PDF - Diodes Incorporated

Part # MURS320
Download  MURS320 Click to download

File Size   64.27 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 3.0A SURFACE MOUNT SUPER-FAST RECTIFIER

MURS320 Datasheet (HTML) - Diodes Incorporated


MURS320 Product details

Features
• Glass Passivated Die Construction
• Super-Fast Recovery Time For High Efficiency
• Surge Overload Rating to 75A Peak
• Ideally Suited for Automated Assembly
• Lead Free Finish/RoHS Compliant (Note 1)
• Green Molding Compound (No Halogen and Antimony) (Note 2)




Similar Part No. - MURS320

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MURS320 DIODES-MURS320 Datasheet
235Kb / 3P
3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS30197 Rev. 4 - 2
logo
Vishay Siliconix
MURS320 VISHAY-MURS320 Datasheet
101Kb / 4P
Surface Mount Ultrafast Plastic Rectifier
27-Aug-07
logo
Rectron Semiconductor
MURS320 RECTRON-MURS320 Datasheet
299Kb / 4P
ULTRAFAST RECTIFIER VOLTAGE RANGE 200 to 600 Volts CURRENT 3.0 Amperes
logo
Frontier Electronics.
MURS320 FRONTIER-MURS320 Datasheet
129Kb / 2P
3A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
logo
Diodes Incorporated
MURS320 DIODES-MURS320 Datasheet
132Kb / 5P
3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
Rev. 6 - 2 September 2010
More results


Similar Description - MURS320

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
ER3A WTE-ER3A Datasheet
51Kb / 3P
3.0A SURFACE MOUNT SUPER FAST RECTIFIER
logo
Diodes Incorporated
RS3A DIODES-RS3A Datasheet
46Kb / 2P
3.0A SURFACE MOUNT SUPER-FAST RECOVERY RECTIFIER
DS15005 Rev. E-2
ES3A_ DIODES-ES3A_ Datasheet
107Kb / 3P
3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14003 Rev. 10 - 2
MURS320 DIODES-MURS320_1 Datasheet
235Kb / 3P
3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS30197 Rev. 4 - 2
ES3A DIODES-ES3A_10 Datasheet
122Kb / 4P
3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14003 Rev. 15 - 2
MURS320 DIODES-MURS320_10 Datasheet
132Kb / 5P
3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
Rev. 6 - 2 September 2010
ES3B-13 DIODES-ES3B-13 Datasheet
122Kb / 4P
3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
Rev 15
ES3DB-13 DIODES-ES3DB-13 Datasheet
122Kb / 4P
3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
Rev 15
logo
SUNMATE electronic Co.,...
ES3A SUNMATE-ES3A Datasheet
199Kb / 2P
3.0A Surface Mount Super-Fast Rectifier
logo
Diodes Incorporated
ES3AAB DIODES-ES3AAB_15 Datasheet
122Kb / 4P
3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
Rev 15
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com