Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS3A Datasheet (PDF) - Diodes Incorporated

RS3A Datasheet PDF - Diodes Incorporated
Part # RS3A
Download  RS3A Download
File Size   46.63 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 3.0A SURFACE MOUNT SUPER-FAST RECOVERY RECTIFIER

RS3A Datasheet (PDF)

Go To PDF Page Download Datasheet
RS3A Datasheet PDF - Diodes Incorporated

Part # RS3A
Download  RS3A Click to download

File Size   46.63 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 3.0A SURFACE MOUNT SUPER-FAST RECOVERY RECTIFIER

RS3A Datasheet (HTML) - Diodes Incorporated


RS3A Product details

Features

• Glass Passivated Die Construction

• Fast Recovery Time for High Efficiency

• Low Forward Voltage Drop and High Current Capability

• Surge Overload Rating to 100A Peak

• Ideally Suited for Automatic Assembly

• Plastic Material: UL Flammability Classification Rating 94V-0



 




Similar Part No. - RS3A

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
RS3A SSE-RS3A Datasheet
17Kb / 1P
SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Fuji Electric
RS3A FUJI-RS3A Datasheet
718Kb / 1P
3 AMP SURFACE MOUNT GLASS FAST RECOVERY RECTIFIER
logo
General Semiconductor
RS3A GE-RS3A Datasheet
75Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Diodes Incorporated
RS3A DIODES-RS3A Datasheet
400Kb / 3P
3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
DS15005 Rev. 8 - 2
logo
Taiwan Semiconductor Co...
RS3A TSC-RS3A Datasheet
54Kb / 2P
3.0 AMPS. Fast Recovery Surface Mount Rectifiers
More results


Similar Description - RS3A

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
ER3A WTE-ER3A Datasheet
51Kb / 3P
3.0A SURFACE MOUNT SUPER FAST RECTIFIER
logo
Diodes Incorporated
MURS320 DIODES-MURS320 Datasheet
64Kb / 2P
3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS30197 Rev. A-0
ES3A_ DIODES-ES3A_ Datasheet
107Kb / 3P
3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14003 Rev. 10 - 2
MURS320 DIODES-MURS320_1 Datasheet
235Kb / 3P
3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS30197 Rev. 4 - 2
ES3A DIODES-ES3A_10 Datasheet
122Kb / 4P
3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14003 Rev. 15 - 2
ES3B-13 DIODES-ES3B-13 Datasheet
122Kb / 4P
3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
Rev 15
ES3DB-13 DIODES-ES3DB-13 Datasheet
122Kb / 4P
3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
Rev 15
RS3J-13 DIODES-RS3J-13 Datasheet
121Kb / 4P
3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
Rev 11
RS3AB DIODES-RS3AB_15 Datasheet
121Kb / 4P
3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
Rev 11
logo
Shenzhen Yixinwei Techn...
RS3AB YIXIN-RS3AB Datasheet
143Kb / 2P
3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com