Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS3A Datasheet (PDF) - Fuji Electric

RS3A Datasheet PDF - Fuji Electric
Part # RS3A
Download  RS3A Download
File Size   718.0 Kbytes
Page   1 Pages
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric
Description 3 AMP SURFACE MOUNT GLASS FAST RECOVERY RECTIFIER

RS3A Datasheet (PDF)

Go To PDF Page Download Datasheet
RS3A Datasheet PDF - Fuji Electric

Part # RS3A
Download  RS3A Click to download

File Size   718.0 Kbytes
Page   1 Pages
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric
Description 3 AMP SURFACE MOUNT GLASS FAST RECOVERY RECTIFIER

RS3A Datasheet (HTML) - Fuji Electric


RS3A Product details

FEATURES

• Rating to 1000V PRV

• For surface mount application

• Reliable low cost construction utilizing molded plastic technique

• Glass passivated junction

• UL recognized 94V-O plastic meaterial

• High temperature soldering: 250°C/10sec/at terminal

• Fast switching for high efficiency

 




Similar Part No. - RS3A

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
RS3A SSE-RS3A Datasheet
17Kb / 1P
SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Diodes Incorporated
RS3A DIODES-RS3A Datasheet
46Kb / 2P
3.0A SURFACE MOUNT SUPER-FAST RECOVERY RECTIFIER
DS15005 Rev. E-2
logo
General Semiconductor
RS3A GE-RS3A Datasheet
75Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Diodes Incorporated
RS3A DIODES-RS3A Datasheet
400Kb / 3P
3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
DS15005 Rev. 8 - 2
logo
Taiwan Semiconductor Co...
RS3A TSC-RS3A Datasheet
54Kb / 2P
3.0 AMPS. Fast Recovery Surface Mount Rectifiers
More results


Similar Description - RS3A

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
ES1A FUJI-ES1A Datasheet
724Kb / 1P
1 AMP SURFACE MOUNT GLASS SUPER FAST RECOVERY RECTIFIER
ES2A FUJI-ES2A Datasheet
750Kb / 1P
2 AMP SURFACE MOUNT GLASS SUPER FAST RECOVERY RECTIFIER
ES3A FUJI-ES3A Datasheet
723Kb / 1P
3 AMP SURFACE MOUNT GLASS SUPER FAST RECOVERY RECTIFIER
RS1A FUJI-RS1A Datasheet
724Kb / 1P
1 AMP SURFACE MOUNT GLASS FAST RECOVERY RECTIFIER
US1A FUJI-US1A Datasheet
770Kb / 1P
1 AMP SURFACE MOUNT GLASS FAST RECOVERY RECTIFIER
logo
List of Unclassifed Man...
FRS3A ETC-FRS3A Datasheet
49Kb / 2P
3 Amp. Surface Mounted Glass Passivated Fast Recovery Rectifier
logo
Central Semiconductor C...
CMR3S-01 CENTRAL-CMR3S-01 Datasheet
282Kb / 2P
SURFACE MOUNT SUPER FAST RECOVERY SILICON RECTIFIER 3 AMP
CMR3U-01 CENTRAL-CMR3U-01_10 Datasheet
280Kb / 2P
SURFACE MOUNT ULTRA FAST RECOVERY SILICON RECTIFIER 3 AMP
CMR3U-01M CENTRAL-CMR3U-01M_10 Datasheet
296Kb / 2P
SURFACE MOUNT ULTRA FAST RECOVERY SILICON RECTIFIER 3 AMP
logo
DIYI Electronic Technol...
G1AN DYELEC-G1AN Datasheet
1Mb / 2P
0.5 AMP SURFACE MOUNT GLASS RECOVERY RECTIFIER
More results




About Fuji Electric


Fuji Electric is a Japanese company that specializes in the manufacture of electrical and electronic equipment.
The company was founded in 1923 and is headquartered in Tokyo, Japan.
Fuji Electric offers a wide range of products including power electronics equipment, industrial automation equipment, and more.
The company is known for its expertise in power electronics and energy management, as well as its innovative technologies in the fields of electric vehicles, renewable energy, and smart grid solutions.
Fuji Electric has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its industrial and commercial products, Fuji Electric also provides a range of products and solutions for consumer and residential applications, such as air-conditioning systems, home appliances, and home security systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com