Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US1A Datasheet (PDF) - Fuji Electric

US1A Datasheet PDF - Fuji Electric
Part # US1A
Download  US1A Download
File Size   770.52 Kbytes
Page   1 Pages
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric
Description 1 AMP SURFACE MOUNT GLASS FAST RECOVERY RECTIFIER

US1A Datasheet (PDF)

Go To PDF Page Download Datasheet
US1A Datasheet PDF - Fuji Electric

Part # US1A
Download  US1A Click to download

File Size   770.52 Kbytes
Page   1 Pages
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric
Description 1 AMP SURFACE MOUNT GLASS FAST RECOVERY RECTIFIER

US1A Datasheet (HTML) - Fuji Electric


US1A Product details

FEATURES
● Rating to 1000V PRV
● For surface mount applications
● Reliable low cost construction utilizing
   molded plastic technique
● Glass passivated junction
● High temperature soldering: 250°C/10 seconds
   at terminals
● UL recognized 94V-O Plastic material
● Fast switching for high efficiency




Similar Part No. - US1A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
US1A PANJIT-US1A Datasheet
72Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.0 Ampere)
logo
NXP Semiconductors
US1A PHILIPS-US1A Datasheet
66Kb / 12P
SMA ultra fast low-loss controlled avalanche rectifiers
2000 Feb 14
logo
Surge Components
US1A SURGE-US1A Datasheet
76Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE - 50 TO 800 Volts CURRENT - 1.0 Ampere????
logo
Transys Electronics
US1A TRSYS-US1A Datasheet
166Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER
logo
Won-Top Electronics
US1A WTE-US1A Datasheet
48Kb / 3P
1.0A SURFACE MOUNT ULTRA FAST RECTIFIER
More results


Similar Description - US1A

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
ES1A FUJI-ES1A Datasheet
724Kb / 1P
1 AMP SURFACE MOUNT GLASS SUPER FAST RECOVERY RECTIFIER
ES2A FUJI-ES2A Datasheet
750Kb / 1P
2 AMP SURFACE MOUNT GLASS SUPER FAST RECOVERY RECTIFIER
ES3A FUJI-ES3A Datasheet
723Kb / 1P
3 AMP SURFACE MOUNT GLASS SUPER FAST RECOVERY RECTIFIER
RS1A FUJI-RS1A Datasheet
724Kb / 1P
1 AMP SURFACE MOUNT GLASS FAST RECOVERY RECTIFIER
RS3A FUJI-RS3A Datasheet
718Kb / 1P
3 AMP SURFACE MOUNT GLASS FAST RECOVERY RECTIFIER
logo
List of Unclassifed Man...
RGP08A ETC1-RGP08A Datasheet
40Kb / 2P
1 Amp. Glass Passivated Fast Recovery Rectifier
FRS1A ETC1-FRS1A Datasheet
51Kb / 2P
1 Amp. Surface Mounted Glass Passivated Fast Recovery Rectifier
logo
Shanghai Lunsure Electr...
1N4937GP CHENYI-1N4937GP Datasheet
144Kb / 3P
1 Amp Glass Passivated Fast Recovery Rectifier
logo
Central Semiconductor C...
CBR1F-D020S CENTRAL-CBR1F-D020S_10 Datasheet
408Kb / 2P
SURFACE MOUNT 1 AMP FAST RECOVERY SILICON BRIDGE RECTIFIER
logo
SeCoS Halbleitertechnol...
SMF101M SECOS-SMF101M Datasheet
61Kb / 3P
1 Amp Surface Mount Fast Recovery Rectifier
More results




About Fuji Electric


Fuji Electric is a Japanese company that specializes in the manufacture of electrical and electronic equipment.
The company was founded in 1923 and is headquartered in Tokyo, Japan.
Fuji Electric offers a wide range of products including power electronics equipment, industrial automation equipment, and more.
The company is known for its expertise in power electronics and energy management, as well as its innovative technologies in the fields of electric vehicles, renewable energy, and smart grid solutions.
Fuji Electric has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its industrial and commercial products, Fuji Electric also provides a range of products and solutions for consumer and residential applications, such as air-conditioning systems, home appliances, and home security systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com