Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBU607 Datasheet (PDF) - Diodes Incorporated

PBU607 Datasheet PDF - Diodes Incorporated
Part # PBU607
Download  PBU607 Download
File Size   61.5 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 6.0A BRIDGE RECTIFIER

PBU607 Datasheet (PDF)

Go To PDF Page Download Datasheet
PBU607 Datasheet PDF - Diodes Incorporated

Part # PBU607
Download  PBU607 Click to download

File Size   61.5 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 6.0A BRIDGE RECTIFIER

PBU607 Datasheet (HTML) - Diodes Incorporated


PBU607 Product details

Features

Diffused Junction

Low Forward Voltage Drop, High Current Capability

Surge Overload Rating to 250A Peak

Ideal for Printed Circuit Board Applications

Case to Terminal Isolation Voltage 1500V

Plastic Material: UL Flammability

   Classification Rating 94V-0

 




Similar Part No. - PBU607

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
PBU601 CTC-PBU601 Datasheet
181Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
PBU601 CTC-PBU601_15 Datasheet
181Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
PBU602 CTC-PBU602 Datasheet
181Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
PBU602 CTC-PBU602 Datasheet
181Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
PBU603 CTC-PBU603 Datasheet
181Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
More results


Similar Description - PBU607

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC600 WTE-KBPC600 Datasheet
40Kb / 3P
6.0A BRIDGE RECTIFIER
logo
Diodes Incorporated
PBPC601 DIODES-PBPC601 Datasheet
53Kb / 2P
6.0A BRIDGE RECTIFIER
DS21322 Rev. D-2
logo
Zibo Seno Electronic En...
UD6KBA05 ZSELEC-UD6KBA05 Datasheet
118Kb / 2P
6.0A BRIDGE RECTIFIER
6RS101M ZSELEC-6RS101M Datasheet
85Kb / 2P
6.0A BRIDGE RECTIFIER
UR6KB05 ZSELEC-UR6KB05 Datasheet
118Kb / 2P
6.0A BRIDGE RECTIFIER
D6KB05 ZSELEC-D6KB05_V01 Datasheet
104Kb / 2P
6.0A BRIDGE RECTIFIER
UG6KB05 ZSELEC-UG6KB05_V01 Datasheet
105Kb / 2P
6.0A BRIDGE RECTIFIER
6RS101M ZSELEC-6RS101M_V01 Datasheet
86Kb / 2P
6.0A BRIDGE RECTIFIER
GBP601 ZSELEC-GBP601_V01 Datasheet
86Kb / 2P
6.0A BRIDGE RECTIFIER
GBP6005 ZSELEC-GBP6005_V01 Datasheet
122Kb / 2P
6.0A BRIDGE RECTIFIER
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com