Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBU607 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PBU607
Description  6.0A BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PBU607 Datasheet(HTML) 1 Page - Diodes Incorporated

  PBU607 Datasheet HTML 1Page - Diodes Incorporated PBU607 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DS21307 Rev. F-2
1 of 2
PBU601 - PBU607
PBU601 - PBU607
6.0A BRIDGE RECTIFIER
Features
- ~ ~ +
B
C
D
H
M
N
P
A
E
L
K
J
G
PBU
Dim
Min
Max
A
22.70
23.70
B
3.80
4.10
C
4.20
4.70
D
1.70
2.20
E
10.30
11.30
G
4.50
6.80
H
4.80
5.80
J
25.40
¾
K
—
19.30
L
16.80
17.80
M
6.60
7.10
N
4.70
5.20
P
1.20
1.30
All Dimensions in mm
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
Mechanical Data
Single phase, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
PBU
601
PBU
602
PBU
603
PBU
604
PBU
605
PBU
606
PBU
607
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
@ TC = 100
°C
IO
6.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
250
A
Forward Voltage (per element)
@ IF = 3.0A
VFM
1.0
V
Peak Reverse Current
@ TC = 25
°C
at Rated DC Blocking Voltage
@ TC = 100
°C
IR
10
1.0
µA
mA
I2t Rating for Fusing
(Note 2)
I2t
166
A2s
Typical Thermal Resistance Junction to Case
(Note 1)
RqJC
4.2
K/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Notes:
1. Thermal resistance junction to case mounted on heatsink.
2. Non-repetitive, for t > 1.0ms and t < 8.3ms.
·
Diffused Junction
·
Low Forward Voltage Drop, High Current
Capability
·
Surge Overload Rating to 250A Peak
·
Ideal for Printed Circuit Board Applications
·
Case to Terminal Isolation Voltage 1500V
·
Plastic Material: UL Flammability
Classification Rating 94V-0
·
UL Listed Under Recognized Component
Index, File Number E95060
·
Case: Molded Plastic
·
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
·
Polarity: As Marked on Case
·
Mounting: Through Hole for #6 Screw
·
Mounting Torque: 5.0 Inch-pounds Maximum
·
Weight: 8.0 grams (approx.)
·
Mounting Position: Any
·
Marking: Type Number


Similar Part No. - PBU607

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
PBU601 CTC-PBU601 Datasheet
181Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
PBU601 CTC-PBU601_15 Datasheet
181Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
PBU602 CTC-PBU602 Datasheet
181Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
PBU602 CTC-PBU602 Datasheet
181Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
PBU603 CTC-PBU603 Datasheet
181Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - PBU607

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC600 WTE-KBPC600 Datasheet
40Kb / 3P
6.0A BRIDGE RECTIFIER
logo
Diodes Incorporated
PBPC601 DIODES-PBPC601 Datasheet
53Kb / 2P
6.0A BRIDGE RECTIFIER
DS21322 Rev. D-2
logo
Zibo Seno Electronic En...
UD6KBA05 ZSELEC-UD6KBA05 Datasheet
118Kb / 2P
6.0A BRIDGE RECTIFIER
6RS101M ZSELEC-6RS101M Datasheet
85Kb / 2P
6.0A BRIDGE RECTIFIER
UR6KB05 ZSELEC-UR6KB05 Datasheet
118Kb / 2P
6.0A BRIDGE RECTIFIER
D6KB05 ZSELEC-D6KB05_V01 Datasheet
104Kb / 2P
6.0A BRIDGE RECTIFIER
UG6KB05 ZSELEC-UG6KB05_V01 Datasheet
105Kb / 2P
6.0A BRIDGE RECTIFIER
6RS101M ZSELEC-6RS101M_V01 Datasheet
86Kb / 2P
6.0A BRIDGE RECTIFIER
GBP601 ZSELEC-GBP601_V01 Datasheet
86Kb / 2P
6.0A BRIDGE RECTIFIER
GBP6005 ZSELEC-GBP6005_V01 Datasheet
122Kb / 2P
6.0A BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com