Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5005 Datasheet (PDF) - NEC

2SC5005 Datasheet PDF - NEC
Part # 2SC5005
Download  2SC5005 Download
File Size   54.99 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD

2SC5005 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC5005 Datasheet PDF - NEC

Part # 2SC5005
Download  2SC5005 Click to download

File Size   54.99 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD

2SC5005 Datasheet (HTML) - NEC


2SC5005 Product details

DESCRIPTION
The 2SC5005 is a low supply voltage transistor designed for UHF OSC/MIX.
It is suitable for a high density surface mount assembly since the transistor has been applied ultra super mini mold package.

FEATURES
• High fT : 5.5 GHz TYP. (@ VCE = 5 V, IC = 5 mA, f = 1 GHz)
• Low Cre : 0.7 pF TYP. (@ VCB = 5 V, IE = 0, f = 1 MHz)
• Ultra Super Mini Mold Package. (1.6 mm × 0.8 mm)




Similar Part No. - 2SC5005

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC5005 RENESAS-2SC5005 Datasheet
301Kb / 10P
NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
July 1995
2SC5005-T1 RENESAS-2SC5005-T1 Datasheet
301Kb / 10P
NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
July 1995
More results


Similar Description - 2SC5005

ManufacturerPart #DatasheetDescription
logo
NEC
2SC5004 NEC-2SC5004 Datasheet
54Kb / 8P
NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
2SC5006 NEC-2SC5006 Datasheet
62Kb / 10P
NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
2SC5007 NEC-2SC5007 Datasheet
63Kb / 10P
NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
2SC5009 NEC-2SC5009 Datasheet
59Kb / 10P
NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
2SC5010 NEC-2SC5010 Datasheet
61Kb / 10P
NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
Renesas Technology Corp
2SC5006-T1-A RENESAS-2SC5006-T1-A Datasheet
242Kb / 12P
NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
2SC5010 RENESAS-2SC5010 Datasheet
241Kb / 12P
NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
California Eastern Labs
NE58219 CEL-NE58219 Datasheet
1Mb / 7P
NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
Renesas Technology Corp
2SC5006 RENESAS-2SC5006_15 Datasheet
242Kb / 12P
NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
2SC5008 RENESAS-2SC5008_15 Datasheet
241Kb / 12P
NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com