Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5010 Datasheet (PDF) - Renesas Technology Corp

2SC5010 Datasheet PDF - Renesas Technology Corp
Part # 2SC5010
Download  2SC5010 Download
File Size   241.06 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD

2SC5010 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC5010 Datasheet PDF - Renesas Technology Corp

Part # 2SC5010
Download  2SC5010 Click to download

File Size   241.06 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD

2SC5010 Datasheet (HTML) - Renesas Technology Corp


2SC5010 Product details

DESCRIPTION
The 2SC5010 is an NPN epitaxial silicon transistor designed for use in low noise and small signal amplifiers from VHF band to L band. Low noise figure, high gain, and high current capability achieve a very wide dynamic range and excellent linearity. This is achieved by direct nitride passivated base surface process (NEST3 process) which is an NEC proprietary fabrication technique.

FEATURES
• Low Voltage Use.
• High fT : 12.0 GHz TYP. (@ VCE= 3 V, IC= 10 mA, f = 2 GHz)
• Low Cre : 0.4 pF TYP. (@ VCE= 3 V, IE= 0, f = 1 MHz)
• Low NF : 1.5 dB TYP. (@ VCE= 3 V, IC= 3 mA, f = 2 GHz)
• High |S21e|2: 8.5 dB TYP. (@ VCE= 3 V, IC= 10 mA, f = 2 GHz)
• Ultra Super Mini Mold Package.




Similar Part No. - 2SC5010

ManufacturerPart #DatasheetDescription
logo
NEC
2SC5010 NEC-2SC5010 Datasheet
61Kb / 10P
NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
California Eastern Labs
2SC5010 CEL-2SC5010 Datasheet
1Mb / 9P
NPN SILICON EPITAXIAL TRANSISTOR
logo
NEC
2SC5010-T1 NEC-2SC5010-T1 Datasheet
61Kb / 10P
NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
Renesas Technology Corp
2SC5010 RENESAS-2SC5010_15 Datasheet
241Kb / 12P
NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
More results


Similar Description - 2SC5010

ManufacturerPart #DatasheetDescription
logo
NEC
2SC5004 NEC-2SC5004 Datasheet
54Kb / 8P
NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
2SC5006 NEC-2SC5006 Datasheet
62Kb / 10P
NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
2SC5007 NEC-2SC5007 Datasheet
63Kb / 10P
NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
2SC5009 NEC-2SC5009 Datasheet
59Kb / 10P
NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
2SC5010 NEC-2SC5010 Datasheet
61Kb / 10P
NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
Renesas Technology Corp
2SC5006-T1-A RENESAS-2SC5006-T1-A Datasheet
242Kb / 12P
NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
California Eastern Labs
NE58219 CEL-NE58219 Datasheet
1Mb / 7P
NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
Renesas Technology Corp
2SC5006 RENESAS-2SC5006_15 Datasheet
242Kb / 12P
NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
2SC5007 RENESAS-2SC5007_15 Datasheet
242Kb / 12P
NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
2SC5008 RENESAS-2SC5008_15 Datasheet
241Kb / 12P
NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com