Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5010 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # 2SC5010
Description  NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5010 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button 2SC5010 Datasheet HTML 4Page - Renesas Technology Corp 2SC5010 Datasheet HTML 5Page - Renesas Technology Corp 2SC5010 Datasheet HTML 6Page - Renesas Technology Corp 2SC5010 Datasheet HTML 7Page - Renesas Technology Corp 2SC5010 Datasheet HTML 8Page - Renesas Technology Corp 2SC5010 Datasheet HTML 9Page - Renesas Technology Corp 2SC5010 Datasheet HTML 10Page - Renesas Technology Corp 2SC5010 Datasheet HTML 11Page - Renesas Technology Corp 2SC5010 Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
2SC5010
6
S-PARAMETER
VCE = 3 V, IC = 5 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
.900
–11.4
8.160
166.3
.019
80.5
.976
–9.1
200.00
.845
–23.9
8.072
154.4
.036
74.9
.927
–17.4
300.00
.788
–35.4
7.948
144.3
.051
68.4
.864
–24.2
400.00
.723
–46.6
7.529
135.0
.063
63.7
.795
–29.8
500.00
.657
–57.7
7.230
127.4
.074
60.9
.733
–34.2
600.00
.595
–67.8
6.685
119.6
.081
57.5
.678
–37.7
700.00
.528
–77.3
6.274
113.0
.089
56.1
.627
–40.7
800.00
.475
–86.7
5.874
106.5
.097
54.5
.583
–42.7
900.00
.425
–95.3
5.482
101.0
.103
53.4
.545
–44.7
1000.00
.384
–104.3
5.150
95.7
.110
52.3
.514
–46.4
1100.00
.347
–112.0
4.796
91.2
.118
51.5
.486
–47.5
1200.00
.321
–120.5
4.512
87.0
.123
51.3
.460
–48.8
1300.00
.298
–128.4
4.221
83.1
.129
50.4
.438
–50.3
1400.00
.283
–136.2
3.994
79.4
.137
49.6
.418
–51.4
1500.00
.268
–144.2
3.770
75.8
.143
49.4
.400
–52.8
1600.00
.258
–151.8
3.568
72.7
.149
48.6
.382
–54.2
1700.00
.254
–159.7
3.400
69.4
.155
48.3
.368
–55.2
1800.00
.249
–167.2
3.229
66.6
.162
47.3
.353
–56.7
1900.00
.250
–173.7
3.101
63.5
.169
46.8
.337
–58.4
2000.00
.253
179.0
2.957
60.8
.176
46.1
.324
–59.8
2100.00
.257
172.5
2.845
58.0
.183
45.4
.310
–61.7
2200.00
.263
166.7
2.730
55.2
.189
44.6
.296
–63.6
2300.00
.269
161.3
2.640
52.7
.196
43.7
.284
–65.5
2400.00
.277
156.2
2.539
49.9
.203
43.1
.272
–67.6
2500.00
.285
151.5
2.456
47.4
.211
41.9
.261
–69.8
2600.00
.296
147.0
2.380
44.8
.217
41.0
.250
–72.2
2700.00
.305
143.5
2.301
42.4
.223
40.4
.237
–74.4
2800.00
.318
139.6
2.234
39.9
.231
39.3
.225
–77.6
2900.00
.327
136.1
2.164
37.5
.238
38.3
.214
–80.7
3000.00
.341
133.2
2.110
35.2
.244
37.3
.204
–84.1
VCE = 3 V, IC = 3 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
.948
–9.1
5.295
168.1
.020
82.4
.987
–7.0
200.00
.912
–18.6
5.291
158.4
.038
76.4
.955
–13.8
300.00
.876
–27.7
5.354
149.7
.055
70.1
.914
–19.8
400.00
.831
–37.1
5.177
141.3
.069
66.3
.864
–25.2
500.00
.784
–46.0
5.109
135.2
.082
61.6
.816
–29.7
600.00
.737
–54.7
4.832
127.8
.092
57.9
.769
–33.6
700.00
.680
–62.9
4.667
121.7
.101
55.1
.721
–37.2
800.00
.635
–71.7
4.504
115.1
.108
52.6
.678
–39.9
900.00
.581
–80.0
4.335
109.5
.115
50.8
.636
–42.7
1000.00
.530
–89.2
4.226
103.5
.123
48.8
.602
–44.7
1100.00
.480
–97.5
4.038
98.3
.129
47.8
.570
–46.5
1200.00
.441
–105.8
3.879
93.3
.135
46.8
.544
–48.2
1300.00
.408
–113.4
3.680
88.8
.140
45.5
.517
–50.1
1400.00
.382
–121.2
3.528
84.7
.146
44.3
.493
–51.6
1500.00
.358
–128.9
3.359
80.5
.151
43.8
.471
–53.2
1600.00
.339
–136.3
3.200
76.9
.156
43.2
.451
–54.8
1700.00
.324
–144.4
3.076
73.1
.161
42.6
.432
–56.2
1800.00
.311
–151.7
2.932
70.0
.166
41.9
.416
–57.7
1900.00
.305
–158.8
2.825
66.6
.172
41.2
.398
–59.3
2000.00
.301
–166.7
2.712
63.4
.178
40.5
.384
–60.9
2100.00
.299
–173.5
2.614
60.4
.183
40.2
.367
–62.6
2200.00
.300
180.0
2.508
57.2
.189
39.5
.354
–64.4
2300.00
.303
173.7
2.434
54.5
.195
38.9
.340
–66.4
2400.00
.307
167.8
2.348
51.5
.201
38.2
.329
–68.3
2500.00
.311
162.3
2.276
49.0
.206
37.9
.313
–70.6
2600.00
.320
156.7
2.209
45.9
.212
37.0
.303
–72.5
2700.00
.327
152.5
2.140
43.5
.218
36.5
.290
–75.1
2800.00
.337
148.0
2.080
40.8
.223
35.7
.278
–77.8
2900.00
.346
143.7
2.019
38.2
.229
35.1
.267
–80.5
3000.00
.359
140.1
1.967
35.8
.235
34.3
.256
–83.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com