Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5010 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 2SC5010
Description  NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5010 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button 2SC5010 Datasheet HTML 2Page - Renesas Technology Corp 2SC5010 Datasheet HTML 3Page - Renesas Technology Corp 2SC5010 Datasheet HTML 4Page - Renesas Technology Corp 2SC5010 Datasheet HTML 5Page - Renesas Technology Corp 2SC5010 Datasheet HTML 6Page - Renesas Technology Corp 2SC5010 Datasheet HTML 7Page - Renesas Technology Corp 2SC5010 Datasheet HTML 8Page - Renesas Technology Corp 2SC5010 Datasheet HTML 9Page - Renesas Technology Corp 2SC5010 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
2SC5010
4
25
20
15
10
5
0
0.2
0.5
1
2
5
5.0
1.0
0.5
1
2
5
10
0.1
|S21e|2
MAG
VCE = 3 V
IC = 10 mA
0.1
20
50
f = 1 MHz
2.0
0.2
5
4
3
1
2
5
10
20
50
VCE = 3 V
f = 2 GHz
2
1
0
0.5
FEED-BACK CAPACITANCE vs.
COLLECTOR TO BASE VOLTAGE
VCB – Collector to Base Voltage – V
IC – Collector Current – mA
NOISE FIGURE vs. COLLECTOR CURRENT
MAXIMUM AVAILABLE GAIN, INSERTION
POWER GAIN vs. FREQUENCY
f – Frequency – GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com