Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM05 Datasheet (PDF) - Union Semiconductor, Inc.

SM05 Datasheet PDF - Union Semiconductor, Inc.
Part # SM05
Download  SM05 Download
File Size   284.23 Kbytes
Page   6 Pages
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.
Description Low Capacitance Quad Line ESD Protection Diode Arry

SM05 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM05 Datasheet PDF - Union Semiconductor, Inc.

Part # SM05
Download  SM05 Click to download

File Size   284.23 Kbytes
Page   6 Pages
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.
Description Low Capacitance Quad Line ESD Protection Diode Arry

SM05 Datasheet (HTML) - Union Semiconductor, Inc.


SM05 Product details

General Description
The SM05 of transient voltage suppressors (TVS) are designed to protect components which are connected to data and transmission lines from voltage surges caused by electrostatic discharge (ESD). TVS diodes are characterized by their high surge capability, low operating and clamping voltages, and fast response time. This makes them ideal for use as board level protection of sensitive semiconductor components. The dual-junction common-anode design allows the user to protect one bidirectional data line or two unidirectional lines. The low profile SOT23 package allows flexibility in the design of “crowded” circuit boards. The SM05 will meet the surge requirements of IEC 61000-4-2 (Formerly IEC801-2), Level 4, “Human Body Model” for air and contact discharge.

Features
   Transient protection for data & power lines to
      IEC 61000-4-2 (ESD) ±15kV (air), ±8kV
   (contact) Protects one bidirectional line or two
   unidirectional lines
   Working Voltages: 5V
   Low clamping voltage
   Solid-state silicon avalanche technology

Applications
   Cellular Handsets and Accessories
   Portable Electronics
   Industrial Controls
   Set-Top Box
   Servers, Notebook, and Desktop PC




Similar Part No. - SM05

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SM05 SEMTECH-SM05 Datasheet
171Kb / 7P
TVS Diode Array
logo
Micro Commercial Compon...
SM05 MCC-SM05 Datasheet
416Kb / 2P
Transient Voltage Suppressor 500 Watt
logo
Microsemi Corporation
SM05 MICROSEMI-SM05 Datasheet
138Kb / 2P
TVSarray Series
logo
ON Semiconductor
SM05 ONSEMI-SM05 Datasheet
216Kb / 2P
Low cap. diode array for 2 Line High Speed USB protection devic
Rev.1, Nov-2006
logo
Semtech Corporation
SM05 SEMTECH-SM05 Datasheet
161Kb / 7P
TVS Diode Array
More results


Similar Description - SM05

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VBUS051CD-HD1 VISHAY-VBUS051CD-HD1 Datasheet
534Kb / 5P
Low Capacitance, Single-Line ESD-Protection Diode
13-Jul-10
VBUS051BD-HD1 VISHAY-VBUS051BD-HD1 Datasheet
146Kb / 6P
Low Capacitance, Single-Line ESD-Protection Diode
16-Apr-08
VBUS051BD-HD1-GS08 VISHAY-VBUS051BD-HD1-GS08 Datasheet
141Kb / 6P
Low Capacitance, Single-Line ESD-Protection Diode
23-May-12
logo
Union Semiconductor, In...
SM12 UNIONSEMI-SM12 Datasheet
134Kb / 5P
Low Capacitance Dual Line ESD Protection Diode Array
SM05 UNIONSEMI-SM05_16 Datasheet
292Kb / 6P
Low Capacitance Quad Line ESD Protection Diode Array
logo
Vishay Siliconix
VBUS052BD-HTF VISHAY-VBUS052BD-HTF Datasheet
146Kb / 6P
Low Capacitance, 2-Line ESD Protection Diode
03-May-17
VLIN1616-02G VISHAY-VLIN1616-02G Datasheet
113Kb / 6P
Low Capacitance, Single-Line ESD Protection Diode
19-Jul-17
VBUS051BD-HD1 VISHAY-VBUS051BD-HD1_V01 Datasheet
154Kb / 6P
Low Capacitance, Single-Line ESD Protection Diode
20-May-2021
VBUS051CD-HD1 VISHAY-VBUS051CD-HD1_V01 Datasheet
117Kb / 6P
Low Capacitance, Single-Line ESD Protection Diode
20-May-2021
VBUS052BD-HTF VISHAY-VBUS052BD-HTF_V01 Datasheet
152Kb / 6P
Low Capacitance, 2-Line ESD Protection Diode
04-Jan-2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com