Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2KA Datasheet (PDF) - Diodes Incorporated

S2KA Datasheet PDF - Diodes Incorporated
Part # S2KA
Download  S2KA Download
File Size   47.89 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1.5A SURFACE MOUNT GLASS PASSIVATED RECTIFIER

S2KA Datasheet (PDF)

Go To PDF Page Download Datasheet
S2KA Datasheet PDF - Diodes Incorporated

Part # S2KA
Download  S2KA Click to download

File Size   47.89 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1.5A SURFACE MOUNT GLASS PASSIVATED RECTIFIER

S2KA Datasheet (HTML) - Diodes Incorporated


S2KA Product details

Features
• Glass Passivated Die Construction
• Low Forward Voltage Drop and High Current Capability
• Surge Overload Rating to 50A Peak
• Ideally Suited for Automated Assembly
• Lead Free Finish/RoHS Compliant (Note 1)
• Green Molding Compound (No Halogen and Antimony) (Note 2)




Similar Part No. - S2KA

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
S2KA SSE-S2KA Datasheet
16Kb / 1P
SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Won-Top Electronics
S2KA WTE-S2KA Datasheet
47Kb / 4P
2.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
logo
Taiwan Semiconductor Co...
S2KA TSC-S2KA Datasheet
51Kb / 2P
1.5 AMPS. Surface Mount Rectifiers
S2KA TSC-S2KA Datasheet
133Kb / 2P
1.5 AMPS. Surface Mount Rectifiers
logo
Galaxy Semi-Conductor H...
S2KA BILIN-S2KA Datasheet
75Kb / 2P
SURFACE MOUNT RECTIFIER
More results


Similar Description - S2KA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
S2A DIODES-S2A_1 Datasheet
83Kb / 3P
1.5A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16004 Rev. 11 - 2
S2A DIODES-S2A_10 Datasheet
98Kb / 4P
1.5A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16004 Rev. 14 - 2
S2BA-13-F DIODES-S2BA-13-F Datasheet
98Kb / 4P
1.5A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev 14
S2J-13 DIODES-S2J-13 Datasheet
98Kb / 4P
1.5A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev 14
S2MA-13 DIODES-S2MA-13 Datasheet
98Kb / 4P
1.5A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev 14
S2KA-13 DIODES-S2KA-13 Datasheet
98Kb / 4P
1.5A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev 14
logo
Zibo Seno Electronic En...
DB151 ZSELEC-DB151 Datasheet
85Kb / 2P
1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shenzhen Yixinwei Techn...
S2AA YIXIN-S2AA Datasheet
92Kb / 3P
1.5A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
DF15005S DIODES-DF15005S_16 Datasheet
296Kb / 5P
1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Rev 11
logo
Zibo Seno Electronic En...
DI150 ZSELEC-DI150 Datasheet
118Kb / 2P
1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com