Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2KA Datasheet(PDF) 1 Page - Diodes Incorporated

Part # S2KA
Description  1.5A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

S2KA Datasheet(HTML) 1 Page - Diodes Incorporated

  S2KA Datasheet HTML 1Page - Diodes Incorporated S2KA Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DS16004 Rev. 7 - 2
1 of 2
S2A/A - S2M/A
S2A/A - S2M/A
1.5A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Features
@TA = 25°C unless otherwise specified
Notes:
1. Measured at 1.0 MHz and applied reverse voltage of 4.0V DC.
2. Thermal Resistance Junction to Terminal, unit mounted on PC board with 5.0 mm2 (0.013 mm thick) copper pads as heat sink.
·
Glass Passivated Die Construction
·
Low Forward Voltage Drop and High Current
Capability
·
Surge Overload Rating to 50A Peak
·
Ideally Suited for Automated Assembly
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
S2
A/AA
S2
B/BA
S2
D/DA
S2
G/GA
S2
J/JA
S2
K/KA
S2
M/MA
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
@ TT = 100°C
I(AV)
1.5
A
Non-Repetitive Peak Forward Surge Current 8.3ms
single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
50
A
Forward Voltage
@ IF = 1.5A
VFM
1.15
V
Peak Reverse Current
@TA = 25°C
at Rated DC Blocking Voltage
@TA = 125°C
IRM
5.0
125
µA
Typical Total Capacitance (Note 1)
CT
20
pF
Typical Thermal Resistance, Junction to Terminal
(Note 2)
RqJT
20
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
A Suffix Designates SMA Package
No Suffix Designates SMB Package
Mechanical Data
·
Case: Molded Plastic
·
Case Material - UL Flammability Rating
Classification 94V-0
·
Terminals: Solder Plated Terminal -
Solderable per MIL-STD-202, Method 208
·
Polarity: Cathode Band or Cathode Notch
·
Approx. Weight: SMA 0.064 grams
SMB 0.093 grams
·
Marking: Type Number, See Page 2
·
Ordering Information: See Page 2
SMA
SMB
Dim
Min
Max
Min
Max
A
2.29
2.92
3.30
3.94
B
4.00
4.60
4.06
4.57
C
1.27
1.63
1.96
2.21
D
0.15
0.31
0.15
0.31
E
4.80
5.59
5.00
5.59
G
0.10
0.20
0.10
0.20
H
0.76
1.52
0.76
1.52
J
2.01
2.62
2.00
2.62
All Dimensions in mm
A
B
C
D
G
H
E
J
Maximum Ratings and Electrical Characteristics


Similar Part No. - S2KA

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
S2KA SSE-S2KA Datasheet
16Kb / 1P
SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Won-Top Electronics
S2KA WTE-S2KA Datasheet
47Kb / 4P
2.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
logo
Taiwan Semiconductor Co...
S2KA TSC-S2KA Datasheet
51Kb / 2P
1.5 AMPS. Surface Mount Rectifiers
S2KA TSC-S2KA Datasheet
133Kb / 2P
1.5 AMPS. Surface Mount Rectifiers
logo
Galaxy Semi-Conductor H...
S2KA BILIN-S2KA Datasheet
75Kb / 2P
SURFACE MOUNT RECTIFIER
More results

Similar Description - S2KA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
S2A DIODES-S2A_1 Datasheet
83Kb / 3P
1.5A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16004 Rev. 11 - 2
S2A DIODES-S2A_10 Datasheet
98Kb / 4P
1.5A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16004 Rev. 14 - 2
S2BA-13-F DIODES-S2BA-13-F Datasheet
98Kb / 4P
1.5A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev 14
S2J-13 DIODES-S2J-13 Datasheet
98Kb / 4P
1.5A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev 14
S2MA-13 DIODES-S2MA-13 Datasheet
98Kb / 4P
1.5A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev 14
S2KA-13 DIODES-S2KA-13 Datasheet
98Kb / 4P
1.5A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev 14
logo
Zibo Seno Electronic En...
DB151 ZSELEC-DB151 Datasheet
85Kb / 2P
1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shenzhen Yixinwei Techn...
S2AA YIXIN-S2AA Datasheet
92Kb / 3P
1.5A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
DF15005S DIODES-DF15005S_16 Datasheet
296Kb / 5P
1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Rev 11
logo
Zibo Seno Electronic En...
DI150 ZSELEC-DI150 Datasheet
118Kb / 2P
1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com