Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SG2003L Datasheet (PDF) - Microsemi Corporation

SG2003L Datasheet PDF - Microsemi Corporation
Part # SG2003L
Download  SG2003L Download
File Size   242.74 Kbytes
Page   7 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS

SG2003L Datasheet (PDF)

Go To PDF Page Download Datasheet
SG2003L Datasheet PDF - Microsemi Corporation

Part # SG2003L
Download  SG2003L Click to download

File Size   242.74 Kbytes
Page   7 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS

SG2003L Datasheet (HTML) - Microsemi Corporation


SG2003L Product details

DESCRIPTION
The SG2000 series integrates seven NPN Darlington pairs with internal suppression diodes to drive lamps, relays, and solenoids in many military, aerospace, and industrial applications that require severe environments. All units feature open collector outputs with greater than 50V breakdown voltages combined with 500mA current carrying capabilities. Five different input configurations provide optimized designs for interfacing with DTL, TTL, PMOS, or CMOS drive signals. These devices are designed to operate from -55°C to 125°C ambient temperature in a 16 pin dual in line ceramic (J) package and 20 pin Leadless Chip Carrier (LCC). The plastic dual in–line (N) is designed to operate over the commercial temperature range of 0°C to 70°C.

FEATURES
• Seven npn Darlington pairs
• -55°C to 125°C ambient operating temperature range
• Collector currents to 600mA
• Output voltages from 50V to 95V
• Internal clamping diodes for inductive loads
• DTL, TTL, PMOS, or CMOS compatible inputs
• Hermetic ceramic package

HIGH RELIABILITY FEATURES
♦ Available to MIL-STD-883 and DESC SMD
♦ MIL-M38510/14101BEA - JAN2001J
♦ MIL-M38510/14102BEA - JAN2002J
♦ MIL-M38510/14103BEA - JAN2003J
♦ MIL-M38510/14104BEA - JAN2004J
♦ Radiation data available
♦ LMI level "S" processing available




Similar Part No. - SG2003L

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG2003 MICROSEMI-SG2003 Datasheet
98Kb / 7P
HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
logo
SG Micro Corp
SG2003 SGMICRO-SG2003 Datasheet
591Kb / 12P
400mA, Low Power, Low Noise, Low Dropout, Linear Regulators
logo
Microsemi Corporation
SG2003 MICROSEMI-SG2003 Datasheet
242Kb / 7P
HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2003 MICROSEMI-SG2003 Datasheet
194Kb / 7P
HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
logo
SG Micro Corp
SG2003-2.5 SGMICRO-SG2003-2.5 Datasheet
591Kb / 12P
400mA, Low Power, Low Noise, Low Dropout, Linear Regulators
More results


Similar Description - SG2003L

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG2000 MICROSEMI-SG2000 Datasheet
98Kb / 7P
HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2800 MICROSEMI-SG2800 Datasheet
102Kb / 7P
HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2003J MICROSEMI-SG2003J Datasheet
110Kb / 7P
HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2000 MICROSEMI-SG2000_1 Datasheet
242Kb / 7P
HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2800 MICROSEMI-SG2800_1 Datasheet
253Kb / 7P
HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2003J-883B MICROSEMI-SG2003J-883B Datasheet
242Kb / 7P
HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2013J MICROSEMI-SG2013J Datasheet
194Kb / 7P
HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2803J-883B MICROSEMI-SG2803J-883B Datasheet
238Kb / 7P
HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2823J MICROSEMI-SG2823J Datasheet
253Kb / 7P
HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2802J MICROSEMI-SG2802J Datasheet
253Kb / 7P
HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com