Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SG2003L Datasheet(PDF) 3 Page - Microsemi Corporation

Part # SG2003L
Description  HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG2003L Datasheet(HTML) 3 Page - Microsemi Corporation

  SG2003L Datasheet HTML 1Page - Microsemi Corporation SG2003L Datasheet HTML 2Page - Microsemi Corporation SG2003L Datasheet HTML 3Page - Microsemi Corporation SG2003L Datasheet HTML 4Page - Microsemi Corporation SG2003L Datasheet HTML 5Page - Microsemi Corporation SG2003L Datasheet HTML 6Page - Microsemi Corporation SG2003L Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Rev 1.3b
Copyright
© 1997
11861 Western Avenue
∞
∞
∞
∞
∞ Garden Grove, CA 92841
3
(714) 898-8121
∞
∞
∞
∞
∞ FAX: (714) 893-2570
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, these specifications apply over the operating ambient temperatures for SG2000 series - Hermetic - with -55
°C ≤ T
A ≤ 125°C
and SG2000 series - Plastic - with 0
°C≤ T
A ≤ 70°C. Low duty cycle pulse testing techniques are used which maintains junction and case temperatures equal
to the ambient temperature.)
Parameter
Units
Min. Typ. Max.
Limits
Test Conditions
All
SG2002
SG2004
All
SG2002
SG2003
SG2004
All
SG2002
SG2003
SG2004
SG2001
All
All
All
All
All
Applicable
Devices
Temp.
SG2001 thru SG2004
Output Leakage Current (I
CEX)
Collector - Emitter (V
CE(SAT))
Input Current (I
IN(ON))
(I
IN(OFF))
Input Voltage (V
IN(ON))
D-C Forward Current
Transfer Ratio (h
FE)
Input Capacitance (C
IN)
(Note 3)
Turn-On Delay (TPLH)
Turn-Off Delay (TPHL)
Clamp Diode Leakage Current (I
R)
Clamp Diode Forward Voltage (V
F)
T
A = TMIN
T
A = TMIN
T
A = TMIN
T
A = 25°C
T
A = 25°C
T
A = 25°C
T
A = TMAX
T
A = TMAX
T
A = TMAX
T
A = TMAX
T
A = TMIN
T
A = TMAX
T
A = TMIN
T
A = TMIN
T
A = TMIN
T
A = TMAX
T
A = TMAX
T
A = TMAX
T
A = TMIN
T
A = TMIN
T
A = TMIN
T
A = TMIN
T
A = TMAX
T
A = TMAX
T
A = TMAX
T
A = TMAX
T
A = TMIN
T
A = 25°C
T
A = 25°C
T
A = 25°C
T
A = 25°C
V
CE = 50V
V
CE = 50V, VIN = 6V
V
CE = 50V, VIN = 1V
I
C = 350mA, IB = 850µA
I
C = 200mA, IB = 550µA
I
C = 100mA, IB = 350µA
I
C = 350mA, IB = 500µA
I
C = 200mA, IB = 350µA
I
C = 100mA, IB = 250µA
I
C = 350mA, IB = 500µA
I
C = 200mA, IB = 350µA
I
C = 100mA, IB = 250µA
V
IN = 17V
V
IN = 3.85V
V
IN = 5V
V
IN = 12V
I
C = 500µA
V
CE = 2V, IC = 300mA
V
CE = 2V, IC = 300mA
V
CE = 2V, IC = 200mA
V
CE = 2V, IC = 250mA
V
CE = 2V, IC = 300mA
V
CE = 2V, IC = 200mA
V
CE = 2V, IC = 250mA
V
CE = 2V, IC = 300mA
V
CE = 2V, IC = 125mA
V
CE = 2V, IC = 200mA
V
CE = 2V, IC = 275mA
V
CE = 2V, IC = 350mA
V
CE = 2V, IC = 125mA
V
CE = 2V, IC = 200mA
V
CE = 2V, IC = 275mA
V
CE = 2V, IC = 350mA
V
CE = 2V, IC = 350mA
V
CE = 2V, IC = 350mA
0.5 E
IN to 0.5 EOUT
0.5 E
IN to 0.5 EOUT
V
R = 50V
I
F = 350mA
480
650
240
650
25
500
1000
1.6
1.3
1.1
1.25
1.1
0.9
1.6
1.3
1.1
850
930
350
1000
50
15
250
250
1.7
100
500
500
1.8
1.5
1.3
1.6
1.3
1.1
1.8
1.5
1.3
1300
1350
500
1450
18
13
3.3
3.6
3.9
2.4
2.7
3.0
6.0
8.0
10
12
5.0
6.0
7.0
8.0
25
1000
1000
50
2.0
µA
µA
µA
V
V
V
V
V
V
V
V
V
µA
µA
µA
µA
µA
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
pF
ns
ns
µA
V
Note 3. These parameters, although guaranteed, are not tested in production.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com