Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCR720E Datasheet (PDF) - Dynex Semiconductor

DCR720E Datasheet PDF - Dynex Semiconductor
Part # DCR720E
Download  DCR720E Download
File Size   134.4 Kbytes
Page   9 Pages
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor
Description Phase Control Thyristor Preliminary Information

DCR720E Datasheet (PDF)

Go To PDF Page Download Datasheet
DCR720E Datasheet PDF - Dynex Semiconductor

Part # DCR720E
Download  DCR720E Click to download

File Size   134.4 Kbytes
Page   9 Pages
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor
Description Phase Control Thyristor Preliminary Information

DCR720E Datasheet (HTML) - Dynex Semiconductor


DCR720E Product details

KEY PARAMETERS

VDRM        1800V

IT(AV)        724A

ITSM          9800A

dV/dt*       1000V/µs

dI/dt         700A/µs



FEATURES

■ Double Side Cooling

■ High Surge Capability

■ Low Inductance Internal Construction



APPLICATIONS

■ High Power Converters

■ DC Motor Control

■ High Voltage Power Supplies



 




Similar Part No. - DCR720E

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR720E12 DYNEX-DCR720E12 Datasheet
707Kb / 9P
Phase Control Thyristor
DCR720E12 DYNEX-DCR720E12 Datasheet
693Kb / 9P
Phase Control Thyristor
DCR720E14 DYNEX-DCR720E14 Datasheet
707Kb / 9P
Phase Control Thyristor
DCR720E14 DYNEX-DCR720E14 Datasheet
693Kb / 9P
Phase Control Thyristor
DCR720E16 DYNEX-DCR720E16 Datasheet
707Kb / 9P
Phase Control Thyristor
More results


Similar Description - DCR720E

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR1021SF DYNEX-DCR1021SF Datasheet
211Kb / 11P
Phase Control Thyristor Target Information
DCR1260Y DYNEX-DCR1260Y Datasheet
147Kb / 10P
Phase Control Thyristor Target Information
DCR1660Y DYNEX-DCR1660Y Datasheet
139Kb / 9P
Phase Control Thyristor Target Information
DCR5980Z DYNEX-DCR5980Z Datasheet
126Kb / 9P
Phase Control Thyristor Target Information
DCR840F DYNEX-DCR840F Datasheet
139Kb / 9P
Phase Control Thyristor Preliminary Information
MP02TT200 DYNEX-MP02TT200 Datasheet
127Kb / 9P
Dual Thyristor Water Cooled Module Preliminary Information
MP03TT300 DYNEX-MP03TT300 Datasheet
148Kb / 10P
Dual Thyristor Water Cooled Module Preliminary Information
MP04TT600 DYNEX-MP04TT600 Datasheet
264Kb / 10P
Dual Thyristor Water Cooled Module Preliminary Information
DCR1910V85 DYNEX-DCR1910V85 Datasheet
142Kb / 9P
Phase Control Thyristor Preliminary Information
logo
List of Unclassifed Man...
PS12000 ETC1-PS12000 Datasheet
1Mb / 24P
PRELIMINARY INFORMATION
More results




About Dynex Semiconductor


Dynex Semiconductor was a British company that specialized in the design and manufacture of high-power semiconductors.
The company was founded in 1967 and was headquartered in Lincoln, England.
Dynex was known for its expertise in high-power semiconductor technology and its ability to deliver custom-designed power devices for various applications such as power conversion, motor control, and renewable energy systems.
In 2015, Dynex was acquired by Infineon Technologies, a leading provider of power and sensor systems.
The Dynex brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com