Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF051 Datasheet (PDF) - Dynex Semiconductor

DF051 Datasheet PDF - Dynex Semiconductor
Part # DF051
Download  DF051 Download
File Size   62.25 Kbytes
Page   7 Pages
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor
Description Fast Recovery Diode

DF051 Datasheet (PDF)

Go To PDF Page Download Datasheet
DF051 Datasheet PDF - Dynex Semiconductor

Part # DF051
Download  DF051 Click to download

File Size   62.25 Kbytes
Page   7 Pages
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor
Description Fast Recovery Diode

DF051 Datasheet (HTML) - Dynex Semiconductor


DF051 Product details

KEY PARAMETERS

VRRM    2500V

IF(AV)    1490A

IFSM    14000A

Qr       800µC

trr         5.0µs



FEATURES

■ Double side cooling

■ High surge capability

■ Low recovery charge



APPLICATIONS

■ Induction Heating

■ A.C. Motor Drives

■ Inverters And Choppers

■ Welding

■ High Frequency Rectification

■ UPS



 




Similar Part No. - DF051

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DF051 DYNEX-DF051 Datasheet
262Kb / 7P
Fast Recovery Diode
DF05120 DYNEX-DF05120 Datasheet
262Kb / 7P
Fast Recovery Diode
DF05122 DYNEX-DF05122 Datasheet
262Kb / 7P
Fast Recovery Diode
DF05124 DYNEX-DF05124 Datasheet
262Kb / 7P
Fast Recovery Diode
DF05125 DYNEX-DF05125 Datasheet
262Kb / 7P
Fast Recovery Diode
More results


Similar Description - DF051

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
ARF221 POSEICO-ARF221 Datasheet
43Kb / 4P
FAST RECOVERY DIODE
ARF241 POSEICO-ARF241 Datasheet
43Kb / 4P
FAST RECOVERY DIODE
ARF462 POSEICO-ARF462 Datasheet
105Kb / 2P
FAST RECOVERY DIODE
ARF565 POSEICO-ARF565 Datasheet
45Kb / 4P
FAST RECOVERY DIODE
ARF673 POSEICO-ARF673 Datasheet
104Kb / 2P
FAST RECOVERY DIODE
logo
Dynex Semiconductor
DF054 DYNEX-DF054 Datasheet
58Kb / 7P
Fast Recovery Diode
DF654 DYNEX-DF654 Datasheet
61Kb / 7P
Fast Recovery Diode
DSF8045SK DYNEX-DSF8045SK Datasheet
63Kb / 9P
Fast Recovery Diode
MDFB51 DYNEX-MDFB51 Datasheet
69Kb / 8P
Fast Recovery Diode
logo
Rohm
RF101L4S ROHM-RF101L4S Datasheet
116Kb / 4P
Fast recovery diode
More results




About Dynex Semiconductor


Dynex Semiconductor was a British company that specialized in the design and manufacture of high-power semiconductors.
The company was founded in 1967 and was headquartered in Lincoln, England.
Dynex was known for its expertise in high-power semiconductor technology and its ability to deliver custom-designed power devices for various applications such as power conversion, motor control, and renewable energy systems.
In 2015, Dynex was acquired by Infineon Technologies, a leading provider of power and sensor systems.
The Dynex brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com