Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF051 Datasheet(PDF) 1 Page - Dynex Semiconductor

Part # DF051
Description  Fast Recovery Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DF051 Datasheet(HTML) 1 Page - Dynex Semiconductor

  DF051 Datasheet HTML 1Page - Dynex Semiconductor DF051 Datasheet HTML 2Page - Dynex Semiconductor DF051 Datasheet HTML 3Page - Dynex Semiconductor DF051 Datasheet HTML 4Page - Dynex Semiconductor DF051 Datasheet HTML 5Page - Dynex Semiconductor DF051 Datasheet HTML 6Page - Dynex Semiconductor DF051 Datasheet HTML 7Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DF051
1/7
APPLICATIONS
s Induction Heating
s A.C. Motor Drives
s Inverters And Choppers
s Welding
s High Frequency Rectification
s UPS
FEATURES
s Double side cooling
s High surge capability
s Low recovery charge
VOLTAGE RATINGS
KEY PARAMETERS
V
RRM
2500V
I
F(AV)
1490A
I
FSM
14000A
Q
r
800
µC
t
rr
5.0
µs
CURRENT RATINGS
Symbol
Parameter
Conditions
Double Side Cooled
I
F(AV)
Mean forward current
I
F(RMS)
RMS value
I
F
Continuous (direct) forward current
Single Side Cooled (Anode side)
I
F(AV)
Mean forward current
I
F(RMS)
RMS value
I
F
Continuous (direct) forward current
Units
Max.
Half wave resistive load, T
case = 65
oC
1490
A
T
case = 65
oC
2340
A
T
case = 65
oC
2160
A
Half wave resistive load, T
case = 65
oC
995
A
T
case = 65
oC
1560
A
T
case = 65
oC
1390
A
2500
2400
2200
2000
DF051 25
DF051 24
DF051 22
DF051 20
Conditions
V
RSM
= V
RRM
+ 100V
Lower voltage grades available.
Type Number
Repetitive Peak
Reverse Voltage
V
RRM
V
Outline type code: CB450.
See Package Details for further information.
DF051
Fast Recovery Diode
Advance Information
Replaces March 1998 version, DS4147-4.3
DS4147-5.0 January 2000


Similar Part No. - DF051

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DF051 DYNEX-DF051 Datasheet
262Kb / 7P
Fast Recovery Diode
DF05120 DYNEX-DF05120 Datasheet
262Kb / 7P
Fast Recovery Diode
DF05122 DYNEX-DF05122 Datasheet
262Kb / 7P
Fast Recovery Diode
DF05124 DYNEX-DF05124 Datasheet
262Kb / 7P
Fast Recovery Diode
DF05125 DYNEX-DF05125 Datasheet
262Kb / 7P
Fast Recovery Diode
More results

Similar Description - DF051

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
ARF221 POSEICO-ARF221 Datasheet
43Kb / 4P
FAST RECOVERY DIODE
ARF241 POSEICO-ARF241 Datasheet
43Kb / 4P
FAST RECOVERY DIODE
ARF462 POSEICO-ARF462 Datasheet
105Kb / 2P
FAST RECOVERY DIODE
ARF565 POSEICO-ARF565 Datasheet
45Kb / 4P
FAST RECOVERY DIODE
ARF673 POSEICO-ARF673 Datasheet
104Kb / 2P
FAST RECOVERY DIODE
logo
Dynex Semiconductor
DF054 DYNEX-DF054 Datasheet
58Kb / 7P
Fast Recovery Diode
DF654 DYNEX-DF654 Datasheet
61Kb / 7P
Fast Recovery Diode
DSF8045SK DYNEX-DSF8045SK Datasheet
63Kb / 9P
Fast Recovery Diode
MDFB51 DYNEX-MDFB51 Datasheet
69Kb / 8P
Fast Recovery Diode
logo
Rohm
RF101L4S ROHM-RF101L4S Datasheet
116Kb / 4P
Fast recovery diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com