Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3003-08ATG Datasheet (PDF) - Littelfuse

SP3003-08ATG Datasheet PDF - Littelfuse
Part # SP3003-08ATG
Download  SP3003-08ATG Download
File Size   1426.93 Kbytes
Page   7 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description SP3003 Series 0.65pF Diode Array

SP3003-08ATG Datasheet (PDF)

Go To PDF Page Download Datasheet
SP3003-08ATG Datasheet PDF - Littelfuse

Part # SP3003-08ATG
Download  SP3003-08ATG Click to download

File Size   1426.93 Kbytes
Page   7 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description SP3003 Series 0.65pF Diode Array

SP3003-08ATG Datasheet (HTML) - Littelfuse


SP3003-08ATG Product details

Description
The SP3003 has ultra low capacitance rail-to-rail diodes with an additional protection diode fabricated in a proprietary silicon avalanche technology to protect each I/O pin providing a high level of protection for electronic equipment that may experience destructive electrostatic discharges (ESD). These robust diodes can safely absorb repetitive ESD strikes at the maximum level specified in the IEC 61000-4-2 international standard (Level 4, ±8kV contact discharge and ± 15 kV air discharge without performance degradation. Their very low loading capacitance also makes them ideal for protecting high speed signal pins such as HDMI, DVI, USB2.0, and IEEE 1394.

Features
• ESD protection of ±8kV contact discharge, ±15kV air discharge, (IEC 61000-4-2)
• EFT protection, IEC 61000-4-4, 40A (5/50ns)
• Lightning, 2.5A (8/20μs as defined in IEC 61000-4-5 2nd Edition)
• Low capacitance of 0.65pF (TYP) per I/O
• Low leakage current of 0.5μA (MAX) at 5V
• Complete line of small packaging helps save board space (SC70, SOT553, SOT563, MSOP10, µDFN-6L)
• AEC-Q101 qualified
• RoHS compliant and leadfree
• Moisture Sensitivity Level(MSL-1)

Applications
• LCD/ PDP TVs
• DVD Players
• Desktops
• MP3/ PMP
• Digital Cameras
• Set Top Boxes
• Mobile Phones
• Notebooks
• Computer Peripherals




Similar Part No. - SP3003-08ATG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP3003-02JTG LITTELFUSE-SP3003-02JTG Datasheet
568Kb / 8P
Low Capacitance ESD Protection Array
SP3003-02XTG LITTELFUSE-SP3003-02XTG Datasheet
568Kb / 8P
Low Capacitance ESD Protection Array
SP3003-02XTG LITTELFUSE-SP3003-02XTG Datasheet
105Kb / 1P
Silicon Protection Arrays
SP3003-04ATG LITTELFUSE-SP3003-04ATG Datasheet
568Kb / 8P
Low Capacitance ESD Protection Array
logo
Shanghai Leiditech Elec...
SP3003-04ATG LEIDITECH-SP3003-04ATG Datasheet
394Kb / 3P
4-Line Ultra Low Capacitance TVS Diode Array
Rev : 01.06.2014
More results


Similar Description - SP3003-08ATG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP3003 LITTELFUSE-SP3003_11 Datasheet
320Kb / 6P
SP3003 Series 0.65pF Rail Clamp Array
logo
Bourns Electronic Solut...
CDSOD323-T05C BOURNS-CDSOD323-T05C_13 Datasheet
255Kb / 4P
TVS Diode Array Series
CDNBS16-T03C BOURNS-CDNBS16-T03C_11 Datasheet
466Kb / 4P
TVS Diode Array Series
CDNBS08-T03C BOURNS-CDNBS08-T03C_12 Datasheet
333Kb / 4P
TVS Diode Array Series
CDSOT23-T03C BOURNS-CDSOT23-T03C_12 Datasheet
266Kb / 4P
TVS Diode Array Series
CDSOT236-DSL0312 BOURNS-CDSOT236-DSL0312 Datasheet
514Kb / 6P
TVS Diode Array Series
CDS0T23-T03C BOURNS-CDS0T23-T03C Datasheet
266Kb / 4P
TVS Diode Array Series
CD143A-SR70 BOURNS-CD143A-SR70 Datasheet
134Kb / 3P
Steering Diode Array Series
CDSOT23-T03-Q BOURNS-CDSOT23-T03-Q Datasheet
932Kb / 5P
TVS Diode Array Series
logo
Littelfuse
SP8008 LITTELFUSE-SP8008 Datasheet
847Kb / 5P
Series Diode Array
2019 Littelfuse, Inc.
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com