Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM360FL Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SM360FL Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SM360FL
Download  SM360FL Download
File Size   216.13 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Voltage 60V 3Amp Schottky Barrier Rectifiers

SM360FL Datasheet (PDF)

Go To PDF Page Download Datasheet
SM360FL Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SM360FL
Download  SM360FL Click to download

File Size   216.13 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Voltage 60V 3Amp Schottky Barrier Rectifiers

SM360FL Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH




Similar Part No. - SM360FL

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM360FL SECOS-SM360FL_15 Datasheet
210Kb / 2P
3.0 Amp Schottky Barrier Rectifiers
More results


Similar Description - SM360FL

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
1S20 SECOS-1S20 Datasheet
279Kb / 2P
VOLTAGE 20V ~ 60V 1.0AMP Schottky Barrier Rectifiers
SBR1060 SECOS-SBR1060 Datasheet
355Kb / 2P
VOLTAGE 60V 10.0AMP Schottky Barrier Rectifiers
SBR1060F SECOS-SBR1060F Datasheet
355Kb / 2P
VOLTAGE 60V 10.0AMP Schottky Barrier Rectifiers
SBR2060 SECOS-SBR2060 Datasheet
389Kb / 2P
VOLTAGE 60V 20.0AMP Schottky Barrier Rectifiers
SBR2060F SECOS-SBR2060F Datasheet
364Kb / 2P
VOLTAGE 60V 20.0AMP Schottky Barrier Rectifiers
SBR3060R SECOS-SBR3060R Datasheet
391Kb / 2P
VOLTAGE 60V 30.0AMP Schottky Barrier Rectifiers
SBR3060RF SECOS-SBR3060RF Datasheet
370Kb / 2P
VOLTAGE 60V 30.0AMP Schottky Barrier Rectifiers
SBR2060 SECOS-SBR2060_11 Datasheet
288Kb / 2P
Voltage 60V 20.0 Amp Schottky Barrier Rectifiers
SP1060 SECOS-SP1060_11 Datasheet
262Kb / 2P
Voltage 60V 10 Amp Schottky Barrier Rectifiers
SP2060 SECOS-SP2060_11 Datasheet
331Kb / 2P
Voltage 60V 20.0 Amp Schottky Barrier Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com