Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS-808-4 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

DS-808-4 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # DS-808-4
Download  DS-808-4 Download
File Size   66.49 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Broadband Eight -Way Power Divider

DS-808-4 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS-808-4 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # DS-808-4
Download  DS-808-4 Click to download

File Size   66.49 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Broadband Eight -Way Power Divider

DS-808-4 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.




Similar Part No. - DS-808-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS-808-4 MACOM-DS-808-4 Datasheet
135Kb / 2P
Broadband Eight-Way Power Divider 20 - 2000 MHz
logo
M/A-COM Technology Solu...
DS-808-4 MA-COM-DS-808-4 Datasheet
66Kb / 2P
Broadband Eight -Way Power Divider, 20 - 2000 MHz
logo
Tyco Electronics
DS-808-4BNC MACOM-DS-808-4BNC Datasheet
135Kb / 2P
Broadband Eight-Way Power Divider 20 - 2000 MHz
logo
M/A-COM Technology Solu...
DS-808-4BNC MA-COM-DS-808-4BNC Datasheet
66Kb / 2P
Broadband Eight -Way Power Divider, 20 - 2000 MHz
logo
Tyco Electronics
DS-808-4N MACOM-DS-808-4N Datasheet
135Kb / 2P
Broadband Eight-Way Power Divider 20 - 2000 MHz
More results


Similar Description - DS-808-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS-309 MACOM-DS-309 Datasheet
123Kb / 1P
Eight-Way Power Divider 2 - 500 MHz
DS-808-4 MACOM-DS-808-4 Datasheet
135Kb / 2P
Broadband Eight-Way Power Divider 20 - 2000 MHz
logo
HBH Microwave GmbH
HD6001 HBH-HD6001 Datasheet
15Kb / 1P
1.0GHz - 18.0 GHz Broadband 2-Way Power Divider
logo
M/A-COM Technology Solu...
DS-309 MA-COM-DS-309 Datasheet
58Kb / 2P
Eight-Way Power Divider, 2 - 500 MHz
DS-808-4 MA-COM-DS-808-4 Datasheet
66Kb / 2P
Broadband Eight -Way Power Divider, 20 - 2000 MHz
logo
BOWEI Integrated Circui...
PSM4-0220G BOWEI-PSM4-0220G Datasheet
117Kb / 1P
4 way 0 Broadband power Combiner/Divider
logo
M/A-COM Technology Solu...
DS-4-4 MA-COM-DS-4-4 Datasheet
72Kb / 2P
Broadband Four -Way Power Divider
DS-309 MA-COM-DS-309 Datasheet
58Kb / 2P
Eight-Way Power Divider
H-8-4 MA-COM-H-8-4 Datasheet
71Kb / 2P
Broadband Two-Way Power Divider
MAPDCC0021 MA-COM-MAPDCC0021 Datasheet
78Kb / 3P
Low Cost Eight-Way GMIC SMT Power Divider
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com