Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS-309 Datasheet (PDF) - Tyco Electronics

DS-309 Datasheet PDF - Tyco Electronics
Part # DS-309
Download  DS-309 Download
File Size   80.57 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Two-Way Power Divider 10 - 500 MHz

DS-309 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS-309 Datasheet PDF - Tyco Electronics

Part # DS-309
Download  DS-309 Click to download

File Size   80.57 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Two-Way Power Divider 10 - 500 MHz

DS-309 Datasheet (HTML) - Tyco Electronics




Similar Part No. - DS-309

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS-309 MACOM-DS-309 Datasheet
123Kb / 1P
Eight-Way Power Divider 2 - 500 MHz
logo
M/A-COM Technology Solu...
DS-309 MA-COM-DS-309 Datasheet
58Kb / 2P
Eight-Way Power Divider, 2 - 500 MHz
DS-309 MA-COM-DS-309 Datasheet
58Kb / 2P
Eight-Way Power Divider
logo
Tyco Electronics
DS-309BNC MACOM-DS-309BNC Datasheet
123Kb / 1P
Eight-Way Power Divider 2 - 500 MHz
logo
M/A-COM Technology Solu...
DS-309BNC MA-COM-DS-309BNC Datasheet
58Kb / 2P
Eight-Way Power Divider, 2 - 500 MHz
More results


Similar Description - DS-309

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DSS-313 MACOM-DSS-313 Datasheet
106Kb / 2P
Two-Way Power Divider 10 - 2000 MHz
PD10-0040-S MACOM-PD10-0040-S Datasheet
15Kb / 1P
Two-Way Power Divider 10 - 500 MHz
T-1000 MACOM-T-1000 Datasheet
126Kb / 1P
Two-Way Power Divider 10 - 1000 MHz
DSS-333 MACOM-DSS-333 Datasheet
117Kb / 2P
Surface Mount Two-Way Power Divider, 10 - 500 MHz
logo
M/A-COM Technology Solu...
DS-319 MA-COM-DS-319 Datasheet
76Kb / 3P
Two-Way Power Divider, 10 - 500 MHz
DS-312 MA-COM-DS-312 Datasheet
94Kb / 3P
Four-Way Power Divider, 10 - 500 MHz
DS-318 MA-COM-DS-318 Datasheet
106Kb / 2P
Plug-In Two-Way Power Divider, 5 - 500 MHz
DSS-313 MA-COM-DSS-313 Datasheet
73Kb / 3P
Two-Way Power Divider, 10 - 2000 MHz
DSS-333 MA-COM-DSS-333 Datasheet
105Kb / 2P
Surface Mount Two-Way Power Divider, 10 - 500 MHz
T-1000 MA-COM-T-1000 Datasheet
63Kb / 2P
Two-Way Power Divider, 10 - 1000 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com