Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP1601FSS18 Datasheet (PDF) - Dynex Semiconductor

GP1601FSS18 Datasheet PDF - Dynex Semiconductor
Part # GP1601FSS18
Download  GP1601FSS18 Download
File Size   124.39 Kbytes
Page   9 Pages
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor
Description Single Switch Low VCE(SAT) IGBT Module

GP1601FSS18 Datasheet (PDF)

Go To PDF Page Download Datasheet
GP1601FSS18 Datasheet PDF - Dynex Semiconductor

Part # GP1601FSS18
Download  GP1601FSS18 Click to download

File Size   124.39 Kbytes
Page   9 Pages
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor
Description Single Switch Low VCE(SAT) IGBT Module

GP1601FSS18 Datasheet (HTML) - Dynex Semiconductor


GP1601FSS18 Product details

The Powerline range of high power modules includes dual and single switch configurations covering voltages from 600V to 3300V and currents up to 4800A.
The GP800FSS18 is a single switch 1800V, n channel enhancement mode, insulated gate bipolar transistor (IGBT) module. The IGBT has a wide reverse bias safe operating area (RBSOA) ensuring reliability in demanding applications.

FEATURES
■ Non Punch Through Silicon
■ Isolated Copper Baseplate With Al2O3 Substrate
■ Low Inductance Internal Construction
■ Full 1800V Rating
■ 800A Per Module

APPLICATIONS
■ High Power Inverters
■ Motor Controllers
■ Induction Heating
■ Resonant Converters




Similar Part No. - GP1601FSS18

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
GP1601 TSC-GP1601 Datasheet
91Kb / 2P
16.0 AMPS. Glass Passivated Rectifiers
GP1601 TSC-GP1601 Datasheet
344Kb / 2P
16.0 AMPS. Glass Passivated Rectifiers
logo
RFE international
GP1601 RFE-GP1601 Datasheet
95Kb / 1P
LEADED (THRU-HOLE) General Purpose & Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
GP1601 TSC-GP1601 Datasheet
528Kb / 2P
16.0 AMPS. Glass Passivated Rectifiers
logo
Thinki Semiconductor Co...
GP1601 THINKISEMI-GP1601 Datasheet
307Kb / 2P
16.0 Ampere Dual Common Cathode General Purpose Rectifier Diodes
More results


Similar Description - GP1601FSS18

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
GP201MHS18 DYNEX-GP201MHS18 Datasheet
129Kb / 10P
Low VCE(SAT) Half Bridge IGBT Module
GP2401ESM18 DYNEX-GP2401ESM18 Datasheet
152Kb / 9P
Hi-Reliability Single Switch Low VCE(SAT) IGBT Module
GP401DDS18 DYNEX-GP401DDS18 Datasheet
160Kb / 11P
Low VCE(SAT) Dual Switch IGBT Module Preliminary Information
GP801DDS18 DYNEX-GP801DDS18 Datasheet
143Kb / 10P
Dual Switch Low VCE(SAT) IGBT Module
GP801FSM18 DYNEX-GP801FSM18 Datasheet
141Kb / 10P
Hi-Reliability Single Switch Low VCE(SAT) IGBT Module
logo
IXYS Corporation
IXGN60N60 IXYS-IXGN60N60 Datasheet
67Kb / 2P
Ultra-Low VCE(sat) IGBT
IXGH41N60 IXYS-IXGH41N60 Datasheet
34Kb / 2P
Ultra-Low VCE(sat) IGBT
IXGH31N60 IXYS-IXGH31N60 Datasheet
55Kb / 2P
Ultra-Low VCE(sat) IGBT
IXGH38N60 IXYS-IXGH38N60 Datasheet
45Kb / 2P
Ultra-Low VCE(sat) IGBT
IXGH60N60 IXYS-IXGH60N60 Datasheet
95Kb / 4P
Ultra-Low VCE(sat) IGBT
More results




About Dynex Semiconductor


Dynex Semiconductor was a British company that specialized in the design and manufacture of high-power semiconductors.
The company was founded in 1967 and was headquartered in Lincoln, England.
Dynex was known for its expertise in high-power semiconductor technology and its ability to deliver custom-designed power devices for various applications such as power conversion, motor control, and renewable energy systems.
In 2015, Dynex was acquired by Infineon Technologies, a leading provider of power and sensor systems.
The Dynex brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com