Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP801DDS18 Datasheet (PDF) - Dynex Semiconductor

GP801DDS18 Datasheet PDF - Dynex Semiconductor
Part # GP801DDS18
Download  GP801DDS18 Download
File Size   143.03 Kbytes
Page   10 Pages
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor
Description Dual Switch Low VCE(SAT) IGBT Module

GP801DDS18 Datasheet (PDF)

Go To PDF Page Download Datasheet
GP801DDS18 Datasheet PDF - Dynex Semiconductor

Part # GP801DDS18
Download  GP801DDS18 Click to download

File Size   143.03 Kbytes
Page   10 Pages
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor
Description Dual Switch Low VCE(SAT) IGBT Module

GP801DDS18 Datasheet (HTML) - Dynex Semiconductor


GP801DDS18 Product details

The Powerline range of high power modules includes dual and single switch configurations covering voltages from 600V to 3300V and currents up to 4800A.
The GP801DDS18 is a dual switch 1800V, n channel enhancement mode, insulated gate bipolar transistor (IGBT) module. Designed with low VCE(SAT) to minimise conduction losses, the module is of particular relevance in low to medium frequency applications. The IGBT has a wide reverse bias safe operating area (RBSOA) ensuring reliability in demanding applications.

FEATURES
■ Low VCE(SAT)
■ Non Punch Through Silicon
■ Isolated Copper Baseplate
■ Low Inductance Internal Construction
■ 800A Per Arm

APPLICATIONS
■ High Reliability Inverters
■ Motor Controllers
■ Traction Drives
■ Resonant Converters




Similar Part No. - GP801DDS18

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
GP801DDM18 DYNEX-GP801DDM18 Datasheet
142Kb / 10P
Hi-Reliability Dual Switch Low VCESAT IGBT Module
More results


Similar Description - GP801DDS18

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
GP1601FSS18 DYNEX-GP1601FSS18 Datasheet
124Kb / 9P
Single Switch Low VCE(SAT) IGBT Module
GP201MHS18 DYNEX-GP201MHS18 Datasheet
129Kb / 10P
Low VCE(SAT) Half Bridge IGBT Module
GP2401ESM18 DYNEX-GP2401ESM18 Datasheet
152Kb / 9P
Hi-Reliability Single Switch Low VCE(SAT) IGBT Module
GP401DDM18 DYNEX-GP401DDM18 Datasheet
95Kb / 7P
Hi-Reliability Dual Switch Low VCE(SAT) IGBT Module Advance Information
GP401DDS18 DYNEX-GP401DDS18 Datasheet
160Kb / 11P
Low VCE(SAT) Dual Switch IGBT Module Preliminary Information
GP801FSM18 DYNEX-GP801FSM18 Datasheet
141Kb / 10P
Hi-Reliability Single Switch Low VCE(SAT) IGBT Module
logo
IXYS Corporation
IXGN60N60 IXYS-IXGN60N60 Datasheet
67Kb / 2P
Ultra-Low VCE(sat) IGBT
IXGH31N60 IXYS-IXGH31N60 Datasheet
55Kb / 2P
Ultra-Low VCE(sat) IGBT
IXGH38N60 IXYS-IXGH38N60 Datasheet
45Kb / 2P
Ultra-Low VCE(sat) IGBT
IXGH60N60 IXYS-IXGH60N60 Datasheet
95Kb / 4P
Ultra-Low VCE(sat) IGBT
More results




About Dynex Semiconductor


Dynex Semiconductor was a British company that specialized in the design and manufacture of high-power semiconductors.
The company was founded in 1967 and was headquartered in Lincoln, England.
Dynex was known for its expertise in high-power semiconductor technology and its ability to deliver custom-designed power devices for various applications such as power conversion, motor control, and renewable energy systems.
In 2015, Dynex was acquired by Infineon Technologies, a leading provider of power and sensor systems.
The Dynex brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com