Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP401DDM18 Datasheet (PDF) - Dynex Semiconductor

GP401DDM18 Datasheet PDF - Dynex Semiconductor
Part # GP401DDM18
Download  GP401DDM18 Download
File Size   95.18 Kbytes
Page   7 Pages
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor
Description Hi-Reliability Dual Switch Low VCE(SAT) IGBT Module Advance Information

GP401DDM18 Datasheet (PDF)

Go To PDF Page Download Datasheet
GP401DDM18 Datasheet PDF - Dynex Semiconductor

Part # GP401DDM18
Download  GP401DDM18 Click to download

File Size   95.18 Kbytes
Page   7 Pages
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor
Description Hi-Reliability Dual Switch Low VCE(SAT) IGBT Module Advance Information

GP401DDM18 Datasheet (HTML) - Dynex Semiconductor


GP401DDM18 Product details

The Powerline range of high power modules includes dual and single switch configurations covering voltages from 1200V to 3300V and currents up to 4800A.

The GP401DDM18 is a dual switch 1800V, n channel enhancement mode, insulated gate bipolar transistor (IGBT) module. Designed with low VCE(SAT) to minimise conduction losses, the module is of particular relevance in low to medium frequency applications. The IGBT has a wide reverse bias safe operating area (RBSOA) ensuring reliability in demanding applications. This device is optimised for traction drives and other applications requiring high thermal cycling capability



FEATURES

■ Low VCE(SAT)

■ 400A Per Switch

■ High Thermal Cycling Capability

■ Non Punch Through Silicon

■ Isolated MMC Base with AlN Substrates



APPLICATIONS

■ High Reliability

■ Motor Controllers

■ Traction Drives

■ Low Loss System Retrofit



 




Similar Part No. - GP401DDM18

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
GP401DDS18 DYNEX-GP401DDS18 Datasheet
160Kb / 11P
Low VCE(SAT) Dual Switch IGBT Module Preliminary Information
More results


Similar Description - GP401DDM18

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
GP1200ESM33 DYNEX-GP1200ESM33 Datasheet
150Kb / 9P
High Reliability Single Switch IGBT Module Advance Information
GP1601FSS18 DYNEX-GP1601FSS18 Datasheet
124Kb / 9P
Single Switch Low VCE(SAT) IGBT Module
GP2401ESM18 DYNEX-GP2401ESM18 Datasheet
152Kb / 9P
Hi-Reliability Single Switch Low VCE(SAT) IGBT Module
GP400DDM12 DYNEX-GP400DDM12 Datasheet
129Kb / 9P
Dual Switch IGBT Module Advance Information
GP401DDS18 DYNEX-GP401DDS18 Datasheet
160Kb / 11P
Low VCE(SAT) Dual Switch IGBT Module Preliminary Information
GP800DDM12 DYNEX-GP800DDM12 Datasheet
114Kb / 11P
Hi-Reliability Dual Switch IGBT Module Advance Information
GP800DDM18 DYNEX-GP800DDM18 Datasheet
144Kb / 10P
Hi-Reliability Dual Switch IGBT Module Advance Information
GP800NSM33 DYNEX-GP800NSM33 Datasheet
93Kb / 9P
Hi-Reliability Single Switch IGBT Module Preliminary Information
GP801DDS18 DYNEX-GP801DDS18 Datasheet
143Kb / 10P
Dual Switch Low VCE(SAT) IGBT Module
GP801FSM18 DYNEX-GP801FSM18 Datasheet
141Kb / 10P
Hi-Reliability Single Switch Low VCE(SAT) IGBT Module
More results




About Dynex Semiconductor


Dynex Semiconductor was a British company that specialized in the design and manufacture of high-power semiconductors.
The company was founded in 1967 and was headquartered in Lincoln, England.
Dynex was known for its expertise in high-power semiconductor technology and its ability to deliver custom-designed power devices for various applications such as power conversion, motor control, and renewable energy systems.
In 2015, Dynex was acquired by Infineon Technologies, a leading provider of power and sensor systems.
The Dynex brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com