Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP200MHS12 Datasheet (PDF) - Dynex Semiconductor

GP200MHS12 Datasheet PDF - Dynex Semiconductor
Part # GP200MHS12
Download  GP200MHS12 Download
File Size   99.55 Kbytes
Page   10 Pages
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor
Description Half Bridge IGBT Module

GP200MHS12 Datasheet (PDF)

Go To PDF Page Download Datasheet
GP200MHS12 Datasheet PDF - Dynex Semiconductor

Part # GP200MHS12
Download  GP200MHS12 Click to download

File Size   99.55 Kbytes
Page   10 Pages
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor
Description Half Bridge IGBT Module

GP200MHS12 Datasheet (HTML) - Dynex Semiconductor


GP200MHS12 Product details

The Powerline range of high power modules includes half bridge and single switch configurations covering voltages from 600V to 3300V and currents up to 4800A.
The GP200MHS12 is a half bridge 1200V, n channel enhancement mode, insulated gate bipolar transistor (IGBT) module. The IGBT has a wide reverse bias safe operating area (RBSOA) ensuring reliability in demanding applications.

FEATURES
■ Non Punch Through Silicon
■ Isolated Copper Baseplate
■ Low Inductance Internal Construction

APPLICATIONS
■ High Power Inverters
■ Motor Controllers
■ Induction Heating
■ Resonant Converters




Similar Part No. - GP200MHS12

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
GP200MHS18 DYNEX-GP200MHS18 Datasheet
135Kb / 10P
Half Bridge IGBT Module
More results


Similar Description - GP200MHS12

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
GP200MHS18 DYNEX-GP200MHS18 Datasheet
135Kb / 10P
Half Bridge IGBT Module
GP350MHB06S DYNEX-GP350MHB06S Datasheet
126Kb / 10P
Half Bridge IGBT Module
DIM200PHM33-F000 DYNEX-DIM200PHM33-F000 Datasheet
143Kb / 9P
Half Bridge IGBT Module
DIM200WHS12-E000 DYNEX-DIM200WHS12-E000 Datasheet
177Kb / 8P
Half Bridge IGBT Module
logo
SemiWell Semiconductor
SIM200D12SV3 SEMIWELL-SIM200D12SV3 Datasheet
496Kb / 7P
HALF-BRIDGE IGBT MODULE
logo
Dynex Semiconductor
DIM100PHM33-F000 DYNEX-DIM100PHM33-F000 Datasheet
356Kb / 8P
Half Bridge IGBT Module
DIM200PHM33-F000 DYNEX-DIM200PHM33-F000_11 Datasheet
356Kb / 8P
Half Bridge IGBT Module
DIM100PHM33-F000 DYNEX-DIM100PHM33-F000_15 Datasheet
356Kb / 8P
Half Bridge IGBT Module
DIM250PHM33-TS000 DYNEX-DIM250PHM33-TS000_15 Datasheet
396Kb / 8P
Half Bridge IGBT Module
DIM400PHM17-A000 DYNEX-DIM400PHM17-A000_15 Datasheet
460Kb / 8P
IGBT Half Bridge Module
More results




About Dynex Semiconductor


Dynex Semiconductor was a British company that specialized in the design and manufacture of high-power semiconductors.
The company was founded in 1967 and was headquartered in Lincoln, England.
Dynex was known for its expertise in high-power semiconductor technology and its ability to deliver custom-designed power devices for various applications such as power conversion, motor control, and renewable energy systems.
In 2015, Dynex was acquired by Infineon Technologies, a leading provider of power and sensor systems.
The Dynex brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com