Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP350MHB06S Datasheet (PDF) - Dynex Semiconductor

GP350MHB06S Datasheet PDF - Dynex Semiconductor
Part # GP350MHB06S
Download  GP350MHB06S Download
File Size   126.33 Kbytes
Page   10 Pages
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor
Description Half Bridge IGBT Module

GP350MHB06S Datasheet (PDF)

Go To PDF Page Download Datasheet
GP350MHB06S Datasheet PDF - Dynex Semiconductor

Part # GP350MHB06S
Download  GP350MHB06S Click to download

File Size   126.33 Kbytes
Page   10 Pages
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor
Description Half Bridge IGBT Module

GP350MHB06S Datasheet (HTML) - Dynex Semiconductor


GP350MHB06S Product details

The Powerline range of modules includes half bridge, chopper, dual and single switch configurations covering voltages from 600V to 3300V and currents up to 2400A.
The GP350MHB06S is a half bridge 600V n channel enhancement mode insulated gate bipolar transistor (IGBT) module. The module is suitable for a variety of medium voltage applications in motor drives and power conversion.
The IGBT has a wide reverse bias safe operating area (RBSOA) for ultimate reliability in demanding applications.

FEATURES
■ n - Channel
■ High Switching Speed
■ Low Forward Voltage Drop
■ Isolated Base

APPLICATIONS
■ PWM Motor Control
■ UPS




Similar Part No. - GP350MHB06S

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
GP356 CDE-GP356 Datasheet
170Kb / 2P
Disc Ceramic Capacitors
logo
Mallory performance clu...
GP356 MALLORY-GP356 Datasheet
37Kb / 3P
Disc Ceramic Capacitors
More results


Similar Description - GP350MHB06S

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
GP200MHS12 DYNEX-GP200MHS12 Datasheet
99Kb / 10P
Half Bridge IGBT Module
GP200MHS18 DYNEX-GP200MHS18 Datasheet
135Kb / 10P
Half Bridge IGBT Module
DIM200PHM33-F000 DYNEX-DIM200PHM33-F000 Datasheet
143Kb / 9P
Half Bridge IGBT Module
DIM200WHS12-E000 DYNEX-DIM200WHS12-E000 Datasheet
177Kb / 8P
Half Bridge IGBT Module
logo
SemiWell Semiconductor
SIM200D12SV3 SEMIWELL-SIM200D12SV3 Datasheet
496Kb / 7P
HALF-BRIDGE IGBT MODULE
logo
Dynex Semiconductor
DIM100PHM33-F000 DYNEX-DIM100PHM33-F000 Datasheet
356Kb / 8P
Half Bridge IGBT Module
DIM200PHM33-F000 DYNEX-DIM200PHM33-F000_11 Datasheet
356Kb / 8P
Half Bridge IGBT Module
DIM100PHM33-F000 DYNEX-DIM100PHM33-F000_15 Datasheet
356Kb / 8P
Half Bridge IGBT Module
DIM250PHM33-TS000 DYNEX-DIM250PHM33-TS000_15 Datasheet
396Kb / 8P
Half Bridge IGBT Module
DIM400PHM17-A000 DYNEX-DIM400PHM17-A000_15 Datasheet
460Kb / 8P
IGBT Half Bridge Module
More results




About Dynex Semiconductor


Dynex Semiconductor was a British company that specialized in the design and manufacture of high-power semiconductors.
The company was founded in 1967 and was headquartered in Lincoln, England.
Dynex was known for its expertise in high-power semiconductor technology and its ability to deliver custom-designed power devices for various applications such as power conversion, motor control, and renewable energy systems.
In 2015, Dynex was acquired by Infineon Technologies, a leading provider of power and sensor systems.
The Dynex brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com