Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP200MKS12 Datasheet (PDF) - Dynex Semiconductor

GP200MKS12 Datasheet PDF - Dynex Semiconductor
Part # GP200MKS12
Download  GP200MKS12 Download
File Size   126.64 Kbytes
Page   10 Pages
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor
Description IGBT Chopper Module Preliminary Information

GP200MKS12 Datasheet (PDF)

Go To PDF Page Download Datasheet
GP200MKS12 Datasheet PDF - Dynex Semiconductor

Part # GP200MKS12
Download  GP200MKS12 Click to download

File Size   126.64 Kbytes
Page   10 Pages
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor
Description IGBT Chopper Module Preliminary Information

GP200MKS12 Datasheet (HTML) - Dynex Semiconductor


GP200MKS12 Product details

The Powerline range of high power modules includes half bridge, dual and single switch configurations covering voltages from 600V to 3300V and currents up to 2400A.
The GP200MLS12 is a 1200V, n channel enhancement mode, insulated gate bipolar transistor (IGBT) chopper module configured with the upper arm of the bridge controlled. The module incoporates high current rated freewheel diodes. The IGBT has a wide reverse bias safe operating area (RBSOA) ensuring reliability in demanding applications.

FEATURES
■ Internally Configured With Upper Arm Controlled
■ Non Punch Through Silicon
■ Isolated Copper Baseplate
■ Low Inductance Internal Construction

APPLICATIONS
■ High Power Choppers
■ Motor Controllers
■ Induction Heating
■ Resonant Converters
■ Power Supplies




Similar Part No. - GP200MKS12

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
GP200MHS12 DYNEX-GP200MHS12 Datasheet
99Kb / 10P
Half Bridge IGBT Module
GP200MHS18 DYNEX-GP200MHS18 Datasheet
135Kb / 10P
Half Bridge IGBT Module
GP200MLS12 DYNEX-GP200MLS12 Datasheet
127Kb / 10P
IGBT Chopper Module Preliminary Information
More results


Similar Description - GP200MKS12

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DIM1200ESM33-A000 DYNEX-DIM1200ESM33-A000 Datasheet
194Kb / 10P
Single Switch IGBT Module Preliminary Information
DIM200PHM33-A000 DYNEX-DIM200PHM33-A000 Datasheet
186Kb / 10P
Half Bridge IGBT Module Preliminary Information
DIM400GDM33-A000 DYNEX-DIM400GDM33-A000 Datasheet
162Kb / 10P
Dual Switch IGBT Module Preliminary Information
DIM800DDM12 DYNEX-DIM800DDM12 Datasheet
171Kb / 10P
Dual Switch IGBT Module Preliminary Information
DIM800FSM17-A000 DYNEX-DIM800FSM17-A000 Datasheet
144Kb / 10P
Single Switch IGBT Module Preliminary Information
DIM800NSM33-A000 DYNEX-DIM800NSM33-A000 Datasheet
174Kb / 10P
Single Switch IGBT Module Preliminary Information
GP200MLS12 DYNEX-GP200MLS12 Datasheet
127Kb / 10P
IGBT Chopper Module Preliminary Information
GP400DDS18 DYNEX-GP400DDS18 Datasheet
155Kb / 11P
Dual Switch IGBT Module Preliminary Information
GP800NSM33 DYNEX-GP800NSM33 Datasheet
93Kb / 9P
Hi-Reliability Single Switch IGBT Module Preliminary Information
GP800NSS33 DYNEX-GP800NSS33 Datasheet
93Kb / 9P
Single Switch IGBT Module Preliminary Information
More results




About Dynex Semiconductor


Dynex Semiconductor was a British company that specialized in the design and manufacture of high-power semiconductors.
The company was founded in 1967 and was headquartered in Lincoln, England.
Dynex was known for its expertise in high-power semiconductor technology and its ability to deliver custom-designed power devices for various applications such as power conversion, motor control, and renewable energy systems.
In 2015, Dynex was acquired by Infineon Technologies, a leading provider of power and sensor systems.
The Dynex brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com