Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP801DCM18 Datasheet (PDF) - Dynex Semiconductor

GP801DCM18 Datasheet PDF - Dynex Semiconductor
Part # GP801DCM18
Download  GP801DCM18 Download
File Size   158.67 Kbytes
Page   10 Pages
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor
Description Hi-Reliability Chopper Switch Low VCESAT IGBT Module

GP801DCM18 Datasheet (PDF)

Go To PDF Page Download Datasheet
GP801DCM18 Datasheet PDF - Dynex Semiconductor

Part # GP801DCM18
Download  GP801DCM18 Click to download

File Size   158.67 Kbytes
Page   10 Pages
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor
Description Hi-Reliability Chopper Switch Low VCESAT IGBT Module

GP801DCM18 Datasheet (HTML) - Dynex Semiconductor


GP801DCM18 Product details

The Powerline range of high power modules includes dual and single switch configurations covering voltages from 1200V to 3300V and currents up to 4800A.
The GP801DCM18 is an 1800V, n channel enhancement mode, insulated gate bipolar transistor (IGBT) chopper module. Designed with low VCE(SAT) to minimise conduction losses, the module is of particular relevance in low to medium frequency applications. The IGBT has a wide reverse bias safe operating area (RBSOA) ensuring reliability in demanding applications. This device is optimised for traction drives and other applications requiring high thermal cycling capability.

FEATURES
■ Low VCE(SAT)
■ 800A Per Module
■ High Thermal Cycling Capability
■ Non Punch Through Silicon
■ Isolated MMC Base with AlN Substrates
Hi-Reliabi

APPLICATIONS
■ High Reliability
■ Motor Controllers
■ Traction Drives
■ Low Loss System Retrofit




Similar Part No. - GP801DCM18

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
GP801DCS18 DYNEX-GP801DCS18 Datasheet
169Kb / 10P
Chopper Switch Low VCESAT IGBT Module
More results


Similar Description - GP801DCM18

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
GP1200FSM18 DYNEX-GP1200FSM18 Datasheet
125Kb / 9P
Hi-Reliability Single Switch IGBT Module
GP1600FSM18 DYNEX-GP1600FSM18 Datasheet
127Kb / 9P
Hi-Reliability Single Switch IGBT Module
GP2400ESM18 DYNEX-GP2400ESM18 Datasheet
156Kb / 10P
Hi-Reliability Single Switch IGBT Module
GP2401ESM18 DYNEX-GP2401ESM18 Datasheet
152Kb / 9P
Hi-Reliability Single Switch Low VCE(SAT) IGBT Module
GP800DCM18 DYNEX-GP800DCM18 Datasheet
158Kb / 10P
Hi-Reliability Chopper Switch IGBT Module
GP800DDM12 DYNEX-GP800DDM12 Datasheet
114Kb / 11P
Hi-Reliability Dual Switch IGBT Module Advance Information
GP800FSM18 DYNEX-GP800FSM18 Datasheet
143Kb / 10P
Hi-Reliability Single Switch IGBT Module
GP801DCS18 DYNEX-GP801DCS18 Datasheet
169Kb / 10P
Chopper Switch Low VCESAT IGBT Module
GP801DDM18 DYNEX-GP801DDM18 Datasheet
142Kb / 10P
Hi-Reliability Dual Switch Low VCESAT IGBT Module
GP801FSM18 DYNEX-GP801FSM18 Datasheet
141Kb / 10P
Hi-Reliability Single Switch Low VCE(SAT) IGBT Module
More results




About Dynex Semiconductor


Dynex Semiconductor was a British company that specialized in the design and manufacture of high-power semiconductors.
The company was founded in 1967 and was headquartered in Lincoln, England.
Dynex was known for its expertise in high-power semiconductor technology and its ability to deliver custom-designed power devices for various applications such as power conversion, motor control, and renewable energy systems.
In 2015, Dynex was acquired by Infineon Technologies, a leading provider of power and sensor systems.
The Dynex brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com