Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP801DCM18 Datasheet(PDF) 2 Page - Dynex Semiconductor

Part # GP801DCM18
Description  Hi-Reliability Chopper Switch Low VCESAT IGBT Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

GP801DCM18 Datasheet(HTML) 2 Page - Dynex Semiconductor

  GP801DCM18 Datasheet HTML 1Page - Dynex Semiconductor GP801DCM18 Datasheet HTML 2Page - Dynex Semiconductor GP801DCM18 Datasheet HTML 3Page - Dynex Semiconductor GP801DCM18 Datasheet HTML 4Page - Dynex Semiconductor GP801DCM18 Datasheet HTML 5Page - Dynex Semiconductor GP801DCM18 Datasheet HTML 6Page - Dynex Semiconductor GP801DCM18 Datasheet HTML 7Page - Dynex Semiconductor GP801DCM18 Datasheet HTML 8Page - Dynex Semiconductor GP801DCM18 Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
GP801DCM18
2/10
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures.
www.dynexsemi.com
Test Conditions
Continuous dissipation -
junction to case
Continuous dissipation -
junction to case
Mounting torque 5Nm
(with mounting grease)
Transistor
Diode
-
Mounting - M6
Electrical connections - M4
Electrical connections - M8
Parameter
Thermal resistance - transistor (per arm)
Thermal resistance - diode (per arm)
Thermal resistance - case to heatsink (per module)
Junction temperature
Storage temperature range
Screw torque
THERMAL AND MECHANICAL RATINGS
ABSOLUTE MAXIMUM RATINGS - PER ARM
Stresses above those listed under 'Absolute Maximum Ratings' may cause permanent damage to the device. In extreme
conditions, as with all semiconductors, this may include potentially hazardous rupture of the package. Appropriate safety
precautions should always be followed. Exposure to Absolute Maximum Ratings may affect device reliability.
T
case = 25˚C unless stated otherwise
Symbol
V
CES
V
GES
I
C
I
C(PK)
P
max
V
isol
Test Conditions
V
GE = 0V
-
T
case = 80˚C
1ms, T
case = 110˚C
T
case = 25˚C, Tj = 150˚C
Commoned terminals to base plate. AC RMS, 1 min, 50Hz
Units
V
V
A
A
W
V
Max.
1800
±20
800
1600
6940
4000
Parameter
Collector-emitter voltage
Gate-emitter voltage
Continuous collector current
Peak collector current
Max. transistor power dissipation
Isolation voltage
Symbol
R
th(j-c)
R
th(j-c)
R
th(c-h)
T
j
T
stg
-
Units
˚C/kW
˚C/kW
˚C/kW
˚C
˚C
˚C
Nm
Nm
Nm
Max.
18
40
8
150
125
125
5
2
10
Min.
-
-
-
-
-
–40
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com