Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA31751 Datasheet (PDF) - Dynex Semiconductor

MA31751 Datasheet PDF - Dynex Semiconductor
Part # MA31751
Download  MA31751 Download
File Size   160.97 Kbytes
Page   17 Pages
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor
Description Memory Management & Block Protection Unit

MA31751 Datasheet (PDF)

Go To PDF Page Download Datasheet
MA31751 Datasheet PDF - Dynex Semiconductor

Part # MA31751
Download  MA31751 Click to download

File Size   160.97 Kbytes
Page   17 Pages
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor
Description Memory Management & Block Protection Unit

MA31751 Datasheet (HTML) - Dynex Semiconductor


MA31751 Product details

The MA31751 Memory Management Unit/Block Protect Unit (MMU/BPU) is an optional chip which may be used to expand the capabilities of the MA31750.
User configurable, the MA31751 can perform as an MMU, a BPU or both MMU and BPU, conforming to MIL-STD-1750A and 1750B. MMU mapping and BPU protection for 1M words of memory is provided by the internal memory. Up to 16 MA31751 devices can be used to give 16M words of logical mapped onto 8M words of physical address space with protection in 1750B mode.

FEATURES
■ MlL-STD-1750A/B Compatible
■ Radiation Hard CMOS/SOS Technology
■ User Configurable as Either a Memory Management Unit (MMU) or a Block Protect Unit (BPU) or Both
■ Memory Management Unit Configuration
    • 1 MWord Physical Address Space
    • Access Lock and Key of 4K-Word Blocks
    • Write/Execute Protection of 4K-Word Blocks
■ Block Protect Unit Configuration
    • Protection of 1K-Word Blocks
    • Global Memory Write Protection During Initialisation
■ Direct Memory Access Support




Similar Part No. - MA31751

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
MA31750 DYNEX-MA31750 Datasheet
436Kb / 42P
High Performance MIL-STD-1750 Microprocessor
MA31753 DYNEX-MA31753 Datasheet
243Kb / 30P
DMA Controller (DMAC) For An MA31750 System
MA31755 DYNEX-MA31755 Datasheet
134Kb / 13P
16-Bit Feedthrough Error Detection & Correction Unit EDAC
More results


Similar Description - MA31751

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68851 MOTOROLA-MC68851 Datasheet
1Mb / 47P
32-Bit Paged Memory Management Unit
logo
Xicor Inc.
X25F064 XICOR-X25F064 Datasheet
71Kb / 16P
SerialFlash??Memory With Block LockTM Protection
logo
ATMEL Corporation
AT91RM9200 ATMEL-AT91RM9200_14 Datasheet
769Kb / 41P
200 MIPS at 180 MHz, Memory Management Unit
logo
Silicon Laboratories
EFM32GG230 SILABS-EFM32GG230 Datasheet
1Mb / 70P
Memory Protection Unit
EFM32GG280 SILABS-EFM32GG280 Datasheet
2Mb / 78P
Memory Protection Unit
EFM32GG290 SILABS-EFM32GG290 Datasheet
2Mb / 78P
Memory Protection Unit
EFM32LG290 SILABS-EFM32LG290 Datasheet
2Mb / 82P
Memory Protection Unit
EFM32G800 SILABS-EFM32G800 Datasheet
410Kb / 22P
Memory Protection Unit
EFM32GG900 SILABS-EFM32GG900 Datasheet
485Kb / 27P
Memory Protection Unit
EFM32LG900 SILABS-EFM32LG900 Datasheet
477Kb / 27P
Memory Protection Unit
More results




About Dynex Semiconductor


Dynex Semiconductor was a British company that specialized in the design and manufacture of high-power semiconductors.
The company was founded in 1967 and was headquartered in Lincoln, England.
Dynex was known for its expertise in high-power semiconductor technology and its ability to deliver custom-designed power devices for various applications such as power conversion, motor control, and renewable energy systems.
In 2015, Dynex was acquired by Infineon Technologies, a leading provider of power and sensor systems.
The Dynex brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com