Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8201MEVAL1Z Datasheet (PDF) - Intersil Corporation

ISL8201MEVAL1Z Datasheet PDF - Intersil Corporation
Part # ISL8201MEVAL1Z
Download  ISL8201MEVAL1Z Download
File Size   887.23 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 10A, High Efficiency DC/DC Module

ISL8201MEVAL1Z Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL8201MEVAL1Z Datasheet PDF - Intersil Corporation

Part # ISL8201MEVAL1Z
Download  ISL8201MEVAL1Z Click to download

File Size   887.23 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 10A, High Efficiency DC/DC Module

ISL8201MEVAL1Z Datasheet (HTML) - Intersil Corporation


ISL8201MEVAL1Z Product details

The ISL8201M is a 20V, 10A output current, variable output step-down power supply. Included in the 15mmx15mm package is a high performance PWM controller switching at 600kHz, power MOSFETs, an inductor, and all the passive components required for complete DC/DC power solution. The ISL8201M operates over an input voltage range of 1V to 20V and supports an output voltage range of 0.6V to 5V, which is set by a single dividing resistor. This high efficiency power module is capable of delivering 10A (17A peak) output with up to 95% efficiency, needing no heat sinks or airflow to meet power specifications.

Features
• Complete Switch Mode Power Supply
• Bias Voltage Range from +4.5 to +14.4V
    - Wide Input Voltage Range from 1V up to 20V (see “Input Voltage Considerations” on page 11)
• 10A DC Output Current, 17A Peak Output Current
• Adjustable +0.6V to +5V Output Range
• Up to 95% Efficiency
• Simple Voltage Mode Control
• Fixed 600kHz Switching Frequency
• Fast Transient Response
• Enable Function Option
• Pre-biased Output Start-up Capability
• Internal Soft-Start
• Overcurrent Protection by Low-Side MOSFET rDS(ON) Sensing (Non-Latching, Auto-Recovery)
• Small Footprint, Low Profile Surface Mount QFN Package (15mmx15mmx3.5mm)
• Pb-Free (RoHS Compliant)

Applications
• Servers
• Industrial Equipment
• Point of Load Regulation
• Other General Purpose Step-Down DC/DC
• Telecom and Datacom Applications




Similar Part No. - ISL8201MEVAL1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8201MEVAL1Z RENESAS-ISL8201MEVAL1Z Datasheet
1Mb / 16P
10A, High Efficiency DC/DC Module
More results


Similar Description - ISL8201MEVAL1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8201M INTERSIL-ISL8201M Datasheet
886Kb / 16P
10A, High Efficiency DC/DC Module
July 16, 2009
logo
Linear Technology
LTM4602 LINER-LTM4602_15 Datasheet
337Kb / 24P
6A High Efficiency DC/DC Module
LTM4602HV LINER-LTM4602HV_15 Datasheet
334Kb / 24P
6A, 28VIN High Efficiency DC/DC Module
LTM4600 LINER-LTM4600_15 Datasheet
427Kb / 26P
10A High Efficiency DC/DC Module
LTM4600HV LINER-LTM4600HV_15 Datasheet
452Kb / 26P
10A, 28VIN High Efficiency DC/DC Module
logo
Renesas Technology Corp
ISL8201M RENESAS-ISL8201M Datasheet
1Mb / 16P
10A, High Efficiency DC/DC Module
ISL8204M RENESAS-ISL8204M Datasheet
1Mb / 19P
Complete High Efficiency DC/DC Power Module
logo
Cyntec Co., Ltd.
VPN12AD1E-FU CYNTEC-VPN12AD1E-FU Datasheet
815Kb / 12P
High Efficiency DC/DC Power Module
logo
Lowpower Semiconductor ...
LP6221A POWER-LP6221A Datasheet
439Kb / 7P
High Efficiency 10A Boost DC/DC Convertor
logo
Analog Devices
LTM4658 AD-LTM4658 Datasheet
1Mb / 26P
Low VIN, High Efficiency 10A Step-Down DC/DC 關Module Regulator
Rev. 0
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com