Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4938NND Datasheet (PDF) - STMicroelectronics

L4938NND Datasheet PDF - STMicroelectronics
Part # L4938NND
Download  L4938NND Download
File Size   563.93 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DUAL MULTIFUNCTION VOLTAGE REGULATOR

L4938NND Datasheet (PDF)

Go To PDF Page Download Datasheet
L4938NND Datasheet PDF - STMicroelectronics

Part # L4938NND
Download  L4938NND Click to download

File Size   563.93 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DUAL MULTIFUNCTION VOLTAGE REGULATOR

L4938NND Datasheet (HTML) - STMicroelectronics


L4938NND Product details

DESCRIPTION
The L4938N is a monolithic integrated dual voltage regulators with two very low dropout outputs and additional functions such as power-on reset and input voltage sense. They are designed for supplying microcomputer controlled systems specially in automotive applications.

■ STANDBY OUTPUT VOLTAGE PRECISION 5V ± 2%
■ OUTPUT 2 TRACKED TO THE STANDBY OUTPUT
■ OUTPUT 2 DISABLE FUNCTION FOR STANDBY MODE
■ VERY LOW QUIESCENT CURRENT, LESS THAN 250µA, IN STANDBY MODE
■ OUTPUT 2 VOLTAGE SETTABLE FROM 5 TO 20V
■ OUTPUT CURRENTS : I01 = 50mA, I02 = 500mA
■ VERY LOW DROPOUT (max 0.4V/0.6V)
■ OPERATING TRANSIENT SUPPLY VOLTAGE UP TO 40V
■ POWER-ON RESET CIRCUIT SENSING THE STANDBY OUTPUT VOLTAGE
■ POWER-ON RESET DELAY PULSE DEFINED BY THE EXTERNAL CAPACITOR
■ EARLY WARNING OUTPUT FOR SUPPLY UNDERVOLTAGE
■ THERMAL SHUTDOWN AND SHORT CIRCUIT PROTECTIONS




Similar Part No. - L4938NND

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4938N STMICROELECTRONICS-L4938N Datasheet
93Kb / 12P
DUAL MULTIFUNCTION VOLTAGE REGULATOR
Apr-1999
L4938ND STMICROELECTRONICS-L4938ND Datasheet
93Kb / 12P
DUAL MULTIFUNCTION VOLTAGE REGULATOR
Apr-1999
L4938NPD STMICROELECTRONICS-L4938NPD Datasheet
93Kb / 12P
DUAL MULTIFUNCTION VOLTAGE REGULATOR
Apr-1999
More results


Similar Description - L4938NND

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4936N STMICROELECTRONICS-L4936N Datasheet
87Kb / 11P
DUAL MULTIFUNCTION VOLTAGE REGULATOR
Jun-2000
L4937N STMICROELECTRONICS-L4937N Datasheet
66Kb / 9P
DUAL MULTIFUNCTION VOLTAGE REGULATOR
Jun-2000
L4937NPD STMICROELECTRONICS-L4937NPD Datasheet
64Kb / 9P
DUAL 5V MULTIFUNCTION VOLTAGE REGULATOR
Jun-2000
L4938N STMICROELECTRONICS-L4938N Datasheet
93Kb / 12P
DUAL MULTIFUNCTION VOLTAGE REGULATOR
Apr-1999
logo
Sanyo Semicon Device
LA5665 SANYO-LA5665 Datasheet
72Kb / 3P
Multifunction Multiple Voltage Regulator
LA5666 SANYO-LA5666 Datasheet
77Kb / 3P
Multifunction Multiple Voltage Regulator?
LA5667 SANYO-LA5667 Datasheet
77Kb / 3P
Multifunction Multiple Voltage Regulator???
LA5668 SANYO-LA5668 Datasheet
87Kb / 4P
Multifunction Voltage Regulator???
logo
STMicroelectronics
L5952 STMICROELECTRONICS-L5952 Datasheet
145Kb / 15P
MULTIPLE MULTIFUNCTION VOLTAGE REGULATOR
Sep-2003
L4937NL STMICROELECTRONICS-L4937NL Datasheet
1Mb / 9P
DUAL MULTIFUNCTION VOLTAGE REGULATOR
Jun-2000
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com