Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT10040LVRG Datasheet (PDF) - Advanced Power Technology

APT10040LVRG Datasheet PDF - Advanced Power Technology
Part # APT10040LVRG
Download  APT10040LVRG Download
File Size   79.22 Kbytes
Page   4 Pages
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology
Description Identical Specifications: T-MAX or TO-264 Package

APT10040LVRG Datasheet (PDF)

Go To PDF Page Download Datasheet
APT10040LVRG Datasheet PDF - Advanced Power Technology

Part # APT10040LVRG
Download  APT10040LVRG Click to download

File Size   79.22 Kbytes
Page   4 Pages
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology
Description Identical Specifications: T-MAX or TO-264 Package

APT10040LVRG Datasheet (HTML) - Advanced Power Technology




Similar Part No. - APT10040LVRG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT10040LVR ADPOW-APT10040LVR Datasheet
39Kb / 2P
Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs
APT10040LVR ADPOW-APT10040LVR Datasheet
78Kb / 4P
Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs
More results


Similar Description - APT10040LVRG

ManufacturerPart #DatasheetDescription
logo
Estek Electronics Co. L...
74HC164 ESTEK-74HC164_1 Datasheet
363Kb / 6P
identical in pinout to the LS/ALS164
logo
Ohmite Mfg. Co.
C247-025 OHMITE-C247-025 Datasheet
309Kb / 2P
TO-247, TO-220 and TO-264 Package Heatsinks
logo
Projects Unlimited, Inc...
SMT-0540-T-7-R PUI-SMT-0540-T-7-R Datasheet
192Kb / 1P
SPECIFICATIONS SUBJECT TO CHANGE OR WITHDRAWL WITHOUT NOTICE.
SMT-0821-T-R PUI-SMT-0821-T-R Datasheet
166Kb / 1P
SPECIFICATIONS SUBJECT TO CHANGE OR WITHDRAWL WITHOUT NOTICE.
SMT-0825-S-2-R PUI-SMT-0825-S-2-R Datasheet
161Kb / 1P
SPECIFICATIONS SUBJECT TO CHANGE OR WITHDRAWL WITHOUT NOTICE.
logo
Advanced Power Technolo...
APT5010B2VRG ADPOW-APT5010B2VRG Datasheet
66Kb / 4P
New T-MAX??Package (Clip-mounted TO-247 Package)
logo
E-SWITCH
ST711055 E-SWITCH-ST711055 Datasheet
113Kb / 1P
RATING: 0.4VA MAX. @20V MAX. AC OR DC
logo
List of Unclassifed Man...
TC-2U35 ETC2-TC-2U35 Datasheet
162Kb / 5P
AC Input Voltage: 90 to 132 or 180 to 264 Auto selectable 50 to 60 Hz.
TC-2U40 ETC2-TC-2U40 Datasheet
165Kb / 5P
AC Input Voltage: 90 to 132 or 180 to 264 Auto selectable 50 to 60 Hz.
logo
THOR communications
H-MPEG2-H264-E THOR-H-MPEG2-H264-E Datasheet
573Kb / 1P
Convert Any Input Type to MPEG2 or H.264 Streams
More results




About Advanced Power Technology


Advanced Power Technology (APT) is a semiconductor company that designs, manufactures and sells power MOSFETs and IGBTs (Insulated Gate Bipolar Transistors). The company was founded in 1986 and is headquartered in Bend, Oregon, USA.

APT's products are used in a wide range of applications, including automotive, industrial, communications, and consumer electronics. The company offers a wide range of MOSFETs and IGBTs with different voltage and current ratings, package options and other features to meet the specific needs of its customers.

APT is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. APT also offers custom design and engineering services to meet the specific needs of its customers.

APT has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power MOSFETs and IGBTs that meet the evolving needs of the electronics industry. In 2000, APT was acquired by Microsemi Corporation, which later became part of Microchip Technology Inc.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com