Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD2502 Datasheet (PDF) - Advanced Linear Devices

ALD2502 Datasheet PDF - Advanced Linear Devices
Part # ALD2502
Download  ALD2502 Download
File Size   82.17 Kbytes
Page   10 Pages
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices
Description SINGLE/DUAL PRECISION HIGH SPEED MICROPOWER TIMER

ALD2502 Datasheet (PDF)

Go To PDF Page Download Datasheet
ALD2502 Datasheet PDF - Advanced Linear Devices

Part # ALD2502
Download  ALD2502 Click to download

File Size   82.17 Kbytes
Page   10 Pages
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices
Description SINGLE/DUAL PRECISION HIGH SPEED MICROPOWER TIMER

ALD2502 Datasheet (HTML) - Advanced Linear Devices


ALD2502 Product details

GENERAL DESCRIPTION
The ALD1502/ALD2502 timers are high performance single/dual monolithic timing circuits built with advanced silicon gate CMOS technology. They offer the benefits of high input impedance, thereby allowing smaller timing capacitors and a longer timing cycle; high speed, with typical cycle time of 400ns; low power dissipation for battery operated environment; reduced supply current spikes, allowing smaller and lower cost decoupling capacitors.

FEATURES
• High speed operation -- 2.5MHz typical oscillation at 5V
• High discharge sinking current of 80mA at 5V
• Guaranteed low operating supply voltage of 2V to 12V
• Functional equivalent to and same pin-out as NE555/NE556 with greatly expanded high and low frequency ranges
• High speed, low power, monolithic CMOS technology
• Low supply current: 50µA typical for ALD1502 and100µA typical for ALD2502
• Extremely low trigger, threshold and reset currents: 10pA typical
• Operates in both monostable and astable modes
• Fixed 50% duty cycle or adjustable duty cycle
• CMOS, NMOS and TTL compatible input/output
• Low supply current spikes

APPLICATIONS
• High speed one-shot (monostable) pulse generation
• Precision timing
• Sequential timing
• Long delay timer
• Pulse width and pulse position modulation
• Missing pulse detector
• Frequency divider
• Synchronized timer




Similar Part No. - ALD2502

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD2502 ALD-ALD2502 Datasheet
38Kb / 4P
SINGLE/DUAL PRECISION HIGH SPEED MICROPOWER TIMER
logo
ADL Embedded Solutions
ALD2502 ADL-ALD2502 Datasheet
82Kb / 10P
SINGLE/DUAL PRECISION HIGH SPEED MICROPOWER TIMER
2010
logo
Advanced Linear Devices
ALD2502 ALD-ALD2502 Datasheet
82Kb / 10P
SINGLE/DUAL PRECISION HIGH SPEED MICROPOWER TIMER
2010
ALD2502DB ALD-ALD2502DB Datasheet
38Kb / 4P
SINGLE/DUAL PRECISION HIGH SPEED MICROPOWER TIMER
logo
ADL Embedded Solutions
ALD2502DB ADL-ALD2502DB Datasheet
82Kb / 10P
SINGLE/DUAL PRECISION HIGH SPEED MICROPOWER TIMER
2010
More results


Similar Description - ALD2502

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
SCT1555 ZETEX-SCT1555 Datasheet
398Kb / 10P
PRECISION SINGLE CELL TIMER
logo
Advanced Linear Devices
ALD1502 ALD-ALD1502 Datasheet
38Kb / 4P
SINGLE/DUAL PRECISION HIGH SPEED MICROPOWER TIMER
ALD4501 ALD-ALD4501 Datasheet
42Kb / 4P
QUAD PRECISION HIGH SPEED MICROPOWER TIMER
logo
Linear Technology
RH1078M LINER-RH1078M Datasheet
194Kb / 8P
Micropower, Dual, Single Supply Precision Op Amp
logo
Zetex Semiconductors
ZSCT1555 ZETEX-ZSCT1555_06 Datasheet
299Kb / 11P
PRECISION SINGLE CELL TIMER
logo
Diodes Incorporated
ZSCT1555 DIODES-ZSCT1555 Datasheet
305Kb / 11P
PRECISION SINGLE CELL TIMER
JULY 2006
logo
Advanced Linear Devices
ALD4501 ALD-ALD4501_10 Datasheet
66Kb / 7P
QUAD PRECISION HIGH SPEED MICROPOWER TIMER
logo
Linear Technology
RH1078M LINER-RH1078M_15 Datasheet
162Kb / 2P
Micropower, Dual, Single-Supply Precision Op Amp
logo
ADL Embedded Solutions
ALD1502 ADL-ALD1502 Datasheet
82Kb / 10P
SINGLE/DUAL PRECISION HIGH SPEED MICROPOWER TIMER
2010
logo
Advanced Linear Devices
ALD1502 ALD-ALD1502_V01 Datasheet
82Kb / 10P
SINGLE/DUAL PRECISION HIGH SPEED MICROPOWER TIMER
2010
More results




About Advanced Linear Devices


Advanced Linear Devices (ALD) is a semiconductor company that specializes in designing and manufacturing precision analog integrated circuits (ICs) and related products. The company was founded in 1985 and is based in Sunnyvale, California, USA.

ALD's products are used in a wide range of applications, including industrial automation, medical devices, automotive electronics, and telecommunications. Some of the company's key products include voltage references, operational amplifiers, and analog switches.

One of ALD's main areas of expertise is in the design and manufacture of MOSFETs (metal-oxide-semiconductor field-effect transistors) and JFETs (junction field-effect transistors) that are used in precision analog circuits. ALD's MOSFETs and JFETs are known for their low noise, low drift, high precision, and high reliability.

Overall, ALD has a reputation for producing high-quality analog ICs that are well-suited to demanding applications where accuracy, stability, and low power consumption are critical.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com