Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL4332CS Datasheet (PDF) - Elantec Semiconductor

EL4332CS Datasheet PDF - Elantec Semiconductor
Part # EL4332CS
Download  EL4332CS Download
File Size   1869.85 Kbytes
Page   17 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description Triple 2:1 300 MHz Mux-Amp AV =2

EL4332CS Datasheet (PDF)

Go To PDF Page Download Datasheet
EL4332CS Datasheet PDF - Elantec Semiconductor

Part # EL4332CS
Download  EL4332CS Click to download

File Size   1869.85 Kbytes
Page   17 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description Triple 2:1 300 MHz Mux-Amp AV =2

EL4332CS Datasheet (HTML) - Elantec Semiconductor


EL4332CS Product details

General Description

The EL4332C is a triple very high speed 2:1 Multiplexer-Amplifier. It is intended primarily for component video multiplexing and is especially suited for pixel switching. The amplifiers have their gain set to 2 internally, which reduces the need for many external components. The gain-of-2 facilitates driving back terminated cables. All three amplifiers are switched simultaneously from their A to B inputs by the TTL/CMOS compatible, common A/B control pin.



Features

• 3 ns A-B switching

• 300 MHz bandwidth

• Fixed gain of 2, for cable driving

• > 650V/µs slew rate

• TTL/CMOS compatible switch



Applications

• RGB multiplexing

• Picture-in-picture

• Cable driving

• HDTV processing

• Switched gain amplifiers

• ADC input multiplexer




Similar Part No. - EL4332CS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4332CS INTERSIL-EL4332CS Datasheet
653Kb / 15P
Triple 2:1 300MHz Mux-Amp AV = 2
October 4, 2004
logo
Renesas Technology Corp
EL4332CS RENESAS-EL4332CS Datasheet
1Mb / 15P
Triple 2:1 300MHz Mux-Amp AV = 2
logo
Intersil Corporation
EL4332CS-T13 INTERSIL-EL4332CS-T13 Datasheet
653Kb / 15P
Triple 2:1 300MHz Mux-Amp AV = 2
October 4, 2004
logo
Renesas Technology Corp
EL4332CS-T13 RENESAS-EL4332CS-T13 Datasheet
1Mb / 15P
Triple 2:1 300MHz Mux-Amp AV = 2
logo
Intersil Corporation
EL4332CS-T7 INTERSIL-EL4332CS-T7 Datasheet
653Kb / 15P
Triple 2:1 300MHz Mux-Amp AV = 2
October 4, 2004
More results


Similar Description - EL4332CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL4331C ELANTEC-EL4331C Datasheet
1Mb / 13P
Triple 2:1 Mux-Amp AV = 1
logo
Intersil Corporation
EL4331 INTERSIL-EL4331 Datasheet
790Kb / 10P
Triple 2:1 Mux-Amp AV = 1
May 12, 2004
logo
Analog Devices
ADG794 AD-ADG794 Datasheet
354Kb / 12P
Low Voltage, 300 MHz Quad 2:1 Mux Analog HDTV Audio/Video Switch
10/04-Revision 0
logo
Intersil Corporation
EL4332 INTERSIL-EL4332 Datasheet
653Kb / 15P
Triple 2:1 300MHz Mux-Amp AV = 2
October 4, 2004
logo
Potato Semiconductor Co...
PO3B3257A POTATO-PO3B3257A Datasheet
558Kb / 6P
Quad 2:1 Mux/DeMux
PO3B3257A POTATO-PO3B3257A_14 Datasheet
1Mb / 5P
Quad 2:1 Mux/DeMux
logo
Texas Instruments
DS42MB100 TI1-DS42MB100_16 Datasheet
1Mb / 25P
4.25-Gbps 2:1/1:2 CML MUX/Buffer
logo
Renesas Technology Corp
EL4332 RENESAS-EL4332 Datasheet
1Mb / 15P
Triple 2:1 300MHz Mux-Amp AV = 2
logo
Diodes Incorporated
PI3DBS16412 DIODES-PI3DBS16412 Datasheet
527Kb / 1P
3.3V, 1-20Gbps 2-Lane 2:1 Mux/De-Mux Switch
logo
Renesas Technology Corp
EL4331 RENESAS-EL4331 Datasheet
1Mb / 10P
Triple 2:1 Mux-Amp AV = 1
May 12, 2004
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com