Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL4332CS Datasheet(PDF) 3 Page - Elantec Semiconductor

Part # EL4332CS
Description  Triple 2:1 300 MHz Mux-Amp AV =2
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL4332CS Datasheet(HTML) 3 Page - Elantec Semiconductor

  EL4332CS Datasheet HTML 1Page - Elantec Semiconductor EL4332CS Datasheet HTML 2Page - Elantec Semiconductor EL4332CS Datasheet HTML 3Page - Elantec Semiconductor EL4332CS Datasheet HTML 4Page - Elantec Semiconductor EL4332CS Datasheet HTML 5Page - Elantec Semiconductor EL4332CS Datasheet HTML 6Page - Elantec Semiconductor EL4332CS Datasheet HTML 7Page - Elantec Semiconductor EL4332CS Datasheet HTML 8Page - Elantec Semiconductor EL4332CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
EL4332C
Triple 2:1 300 MHz Mux-Amp AV =2
AC Electrical Characteristics
VCC = +5V, VEE = -5V, Temperature = 25°C, RL = 150Ω, CL = 3 pF.
Parameter
Description
Min
Typ
Max
Test Level
Units
BW
-3 dB Bandwidth
300
VMHz
BW 0.1dB
±0.1 dB Bandwidth
105
VMHz
DG
Differential Gain at 3.58 MHz
0.04
V%
DP
Differential Phase at 3.58 MHz
0.08
V
°
Pkg
Peaking with Nominal Load
0.2
VdB
SR
Slew Rate (4V Square Wave, Measured 25%–75%)
650
VV/µs
ts
Settling Time to 0.1% of Final Value
13
Vns
TSW
Time to Switch Inputs
3
Vns
OS
Overshoot, VOUT = 4 VP-P
8
V%
ISOab
10M
Input to Input Isolation at 10 MHz
60
VdB
100M
Input to Input Isolation at 100 MHz
40
VdB
ISOch-ch
10M
Channel to Channel Isolation at 10 MHz
61
VdB
100M
Channel to Channel Isolation at 100 MHz
50
VdB
Pin Descriptions
Pin Name
Function
A1, A2, A3
“A” inputs to amplifiers 1, 2 and 3 respectively
B1, B2, B3
“B” inputs to amplifiers 1, 2 and 3 respectively
GND1, GND2, GND3
These are the individual ground pins for each channel.
Out1, Out2, Out3
Amplifier outputs. Note: there is no short circuit protection on any output.
VCC
Positive power supply. Typically +5V.
VEE
Negative power supply. Typically -5V.
A/B
Common input select pin, a logic high selects the “A” inputs, logic low selects the “B” inputs. CMOS/TTL compatible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com