Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL5293CS Datasheet (PDF) - Elantec Semiconductor

EL5293CS Datasheet PDF - Elantec Semiconductor
Part # EL5293CS
Download  EL5293CS Download
File Size   302.48 Kbytes
Page   15 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description Dual 300MHz Current Feedback Amplifier

EL5293CS Datasheet (PDF)

Go To PDF Page Download Datasheet
EL5293CS Datasheet PDF - Elantec Semiconductor

Part # EL5293CS
Download  EL5293CS Click to download

File Size   302.48 Kbytes
Page   15 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description Dual 300MHz Current Feedback Amplifier

EL5293CS Datasheet (HTML) - Elantec Semiconductor


EL5293CS Product details

General Description
The EL5293C is a dual current feedback amplifier with a bandwidth of 300MHz. This makes these amplifiers ideal for today’s high speed video and monitor applications.

Features
• 300MHz -3dB bandwidth
• 4mA supply current (per amplifier)
• Single and dual supply operation, from 5V to 10V
• Single (EL5193C) and triple (EL5393C) available
• High speed, 1GHz product available (EL5191C)
• High speed, 6mA, 600MHz product available (EL5192C, EL5292C, and EL5392C

Applications
• Battery-powered Equipment
• Hand-held, Portable Devices
• Video Amplifiers
• Cable Drivers
• RGB Amplifiers
• Test Equipment
• Instrumentation
• Current to Voltage Converters




Similar Part No. - EL5293CS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5293CS INTERSIL-EL5293CS Datasheet
307Kb / 14P
Dual 300MHz Current Feedback Amplifier with Enable
September 30, 2005
EL5293CS INTERSIL-EL5293CS Datasheet
349Kb / 16P
Dual 300MHz Current Feedback Amplifier with Enable
July 26, 2007
logo
Renesas Technology Corp
EL5293CS RENESAS-EL5293CS Datasheet
800Kb / 16P
Dual 300MHz Current Feedback Amplifier with Enable
logo
Intersil Corporation
EL5293CS-T13 INTERSIL-EL5293CS-T13 Datasheet
307Kb / 14P
Dual 300MHz Current Feedback Amplifier with Enable
September 30, 2005
EL5293CS-T13 INTERSIL-EL5293CS-T13 Datasheet
349Kb / 16P
Dual 300MHz Current Feedback Amplifier with Enable
July 26, 2007
More results


Similar Description - EL5293CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5193C ELANTEC-EL5193C Datasheet
368Kb / 17P
Single 300MHz Current Feedback Amplifier
EL5393C ELANTEC-EL5393C Datasheet
315Kb / 15P
Triple 300MHz Current Feedback Amplifier
logo
Intersil Corporation
EL5193 INTERSIL-EL5193 Datasheet
345Kb / 17P
Single 300MHz Current Feedback Amplifier with Enable
March 1, 2004
EL5293 INTERSIL-EL5293 Datasheet
307Kb / 14P
Dual 300MHz Current Feedback Amplifier with Enable
September 30, 2005
EL5493 INTERSIL-EL5493 Datasheet
281Kb / 14P
Quad 300MHz Current Feedback Amplifier with Enable
EL5193 INTERSIL-EL5193_06 Datasheet
1Mb / 19P
Single 300MHz Current Feedback Amplifier with Enable
April 24, 2006
EL5293 INTERSIL-EL5293_07 Datasheet
349Kb / 16P
Dual 300MHz Current Feedback Amplifier with Enable
July 26, 2007
EL5193 INTERSIL-EL5193_07 Datasheet
406Kb / 20P
Single 300MHz Current Feedback Amplifier with Enable
May 16, 2007
EL5393A INTERSIL-EL5393A Datasheet
594Kb / 16P
Triple 300MHz Current Feedback Amplifier with Enable
September 22, 2010
logo
Renesas Technology Corp
EL5293 RENESAS-EL5293 Datasheet
800Kb / 16P
Dual 300MHz Current Feedback Amplifier with Enable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com