Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL5293CS Datasheet(PDF) 1 Page - Elantec Semiconductor

Part # EL5293CS
Description  Dual 300MHz Current Feedback Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL5293CS Datasheet(HTML) 1 Page - Elantec Semiconductor

  EL5293CS Datasheet HTML 1Page - Elantec Semiconductor EL5293CS Datasheet HTML 2Page - Elantec Semiconductor EL5293CS Datasheet HTML 3Page - Elantec Semiconductor EL5293CS Datasheet HTML 4Page - Elantec Semiconductor EL5293CS Datasheet HTML 5Page - Elantec Semiconductor EL5293CS Datasheet HTML 6Page - Elantec Semiconductor EL5293CS Datasheet HTML 7Page - Elantec Semiconductor EL5293CS Datasheet HTML 8Page - Elantec Semiconductor EL5293CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Note: All information contained in this data sheet has been carefully checked and is believed to be accurate as of the date of publication; however, this data sheet cannot be a “controlled document”. Current revisions, if any, to these
specifications are maintained at the factory and are available upon your request. We recommend checking the revision level before finalization of your design documentation.
© 2001 Elantec Semiconductor, Inc.
General Description
The EL5293C is a dual current feedback amplifier with a bandwidth of
300MHz. This makes these amplifiers ideal for today’s high speed
video and monitor applications.
With a supply current of just 4mA per amplifier and the ability to run
from a single supply voltage from 5V to 10V, these amplifiers are also
ideal for hand held, portable or battery powered equipment.
The EL5293C is offered in the industry standard 8-pin SO. The
EL5293C operates over the industrial temperature range of -40
°C to
+85
°C.
Pin Configurations
1
2
3
4
8
7
6
5
-
+
INB-
OUTB
INA-
INA+
VS-
INB+
VS+
OUTA
-
+
8-Pin SO
EL5293CS
Features
• 300MHz -3dB bandwidth
• 4mA supply current (per amplifier)
• Single and dual supply operation,
from 5V to 10V
• Single (EL5193C) and triple
(EL5393C) available
• High speed, 1GHz product
available (EL5191C)
• High speed, 6mA, 600MHz
product available (EL5192C,
EL5292C, and EL5392C
Applications
• Battery-powered Equipment
• Hand-held, Portable Devices
• Video Amplifiers
• Cable Drivers
• RGB Amplifiers
• Test Equipment
• Instrumentation
• Current to Voltage Converters
Ordering Information
Part No
Package
Tape &
Reel
Outline #
EL5293CS
8-Pin SO
-
MDP0027
EL5293CS-T7
8-Pin SO
7”
MDP0027
EL5293CS-T13
8-Pin SO
13”
MDP0027
EL5293C
Dual 300MHz Current Feedback Amplifier


Similar Part No. - EL5293CS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5293CS INTERSIL-EL5293CS Datasheet
307Kb / 14P
Dual 300MHz Current Feedback Amplifier with Enable
September 30, 2005
EL5293CS INTERSIL-EL5293CS Datasheet
349Kb / 16P
Dual 300MHz Current Feedback Amplifier with Enable
July 26, 2007
logo
Renesas Technology Corp
EL5293CS RENESAS-EL5293CS Datasheet
800Kb / 16P
Dual 300MHz Current Feedback Amplifier with Enable
logo
Intersil Corporation
EL5293CS-T13 INTERSIL-EL5293CS-T13 Datasheet
307Kb / 14P
Dual 300MHz Current Feedback Amplifier with Enable
September 30, 2005
EL5293CS-T13 INTERSIL-EL5293CS-T13 Datasheet
349Kb / 16P
Dual 300MHz Current Feedback Amplifier with Enable
July 26, 2007
More results

Similar Description - EL5293CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5193C ELANTEC-EL5193C Datasheet
368Kb / 17P
Single 300MHz Current Feedback Amplifier
EL5393C ELANTEC-EL5393C Datasheet
315Kb / 15P
Triple 300MHz Current Feedback Amplifier
logo
Intersil Corporation
EL5193 INTERSIL-EL5193 Datasheet
345Kb / 17P
Single 300MHz Current Feedback Amplifier with Enable
March 1, 2004
EL5293 INTERSIL-EL5293 Datasheet
307Kb / 14P
Dual 300MHz Current Feedback Amplifier with Enable
September 30, 2005
EL5493 INTERSIL-EL5493 Datasheet
281Kb / 14P
Quad 300MHz Current Feedback Amplifier with Enable
EL5193 INTERSIL-EL5193_06 Datasheet
1Mb / 19P
Single 300MHz Current Feedback Amplifier with Enable
April 24, 2006
EL5293 INTERSIL-EL5293_07 Datasheet
349Kb / 16P
Dual 300MHz Current Feedback Amplifier with Enable
July 26, 2007
EL5193 INTERSIL-EL5193_07 Datasheet
406Kb / 20P
Single 300MHz Current Feedback Amplifier with Enable
May 16, 2007
EL5393A INTERSIL-EL5393A Datasheet
594Kb / 16P
Triple 300MHz Current Feedback Amplifier with Enable
September 22, 2010
logo
Renesas Technology Corp
EL5293 RENESAS-EL5293 Datasheet
800Kb / 16P
Dual 300MHz Current Feedback Amplifier with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com