Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL5421C Datasheet (PDF) - Elantec Semiconductor

EL5421C Datasheet PDF - Elantec Semiconductor
Part # EL5421C
Download  EL5421C Download
File Size   255.62 Kbytes
Page   13 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description Quad 12MHz Rail-to-Rail Input-Output Buffer

EL5421C Datasheet (PDF)

Go To PDF Page Download Datasheet
EL5421C Datasheet PDF - Elantec Semiconductor

Part # EL5421C
Download  EL5421C Click to download

File Size   255.62 Kbytes
Page   13 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description Quad 12MHz Rail-to-Rail Input-Output Buffer

EL5421C Datasheet (HTML) - Elantec Semiconductor


EL5421C Product details

General Description
The EL5421C is a quad, low power, high voltage rail-to-rail input-output buffer. Operating on supplies ranging from 5V to 15V, while consuming only 500µA per channel, the EL5421C has a bandwidth of 12MHz (-3dB). The EL5421C also provides rail-to-rail input and output ability, giving the maximum dynamic range at any supply voltage.

Features
• 12MHz -3dB Bandwidth
• Unity gain buffer
• Supply voltage = 4.5V to 16.5V
• Low supply current (per buffer) = 500µA
• High slew rate = 10V/µs
• Rail to Rail operation
• “Mini” SO Package (MSOP)

Applications
• TFT-LCD Drive Circuits
• Electronics Notebooks
• Electronics Games
• Personal Communication Devices
• Personal Digital Assistants (PDA)
• Portable Instrumentation
• Wireless LANs
• Office Automation
• Active Filters
• ADC/DAC Buffer




Similar Part No. - EL5421C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5421CY INTERSIL-EL5421CY Datasheet
228Kb / 11P
Quad 12MHz Rail-to-Rail Input-Output Buffer
June 14, 2004
EL5421CY INTERSIL-EL5421CY Datasheet
179Kb / 12P
Quad 12MHz Rail-to-Rail Input-Output Buffer
August 2, 2007
logo
Renesas Technology Corp
EL5421CY RENESAS-EL5421CY Datasheet
569Kb / 12P
Quad 12MHz Rail-to-Rail Input-Output Buffer
logo
Intersil Corporation
EL5421CY-T13 INTERSIL-EL5421CY-T13 Datasheet
228Kb / 11P
Quad 12MHz Rail-to-Rail Input-Output Buffer
June 14, 2004
EL5421CY-T13 INTERSIL-EL5421CY-T13 Datasheet
179Kb / 12P
Quad 12MHz Rail-to-Rail Input-Output Buffer
August 2, 2007
More results


Similar Description - EL5421C

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5221C ELANTEC-EL5221C Datasheet
263Kb / 13P
Dual 12MHz Rail-to-Rail Input-Output Buffer
logo
Intersil Corporation
EL5221 INTERSIL-EL5221 Datasheet
166Kb / 11P
Dual 12MHz Rail-to-Rail Input-Output Buffer
August 2, 2005
EL5421 INTERSIL-EL5421 Datasheet
228Kb / 11P
Quad 12MHz Rail-to-Rail Input-Output Buffer
June 14, 2004
EL5221 INTERSIL-EL5221_07 Datasheet
218Kb / 13P
Dual 12MHz Rail-to-Rail Input-Output Buffer
July 25, 2007
EL5421 INTERSIL-EL5421_07 Datasheet
179Kb / 12P
Quad 12MHz Rail-to-Rail Input-Output Buffer
August 2, 2007
EL5421T INTERSIL-EL5421T Datasheet
263Kb / 13P
12MHz Rail-to-Rail Input-Output Buffer
September 25, 2009
EL5421TIYZ INTERSIL-EL5421TIYZ Datasheet
260Kb / 13P
12MHz Rail-to-Rail Input-Output Buffer
September 25, 2009
logo
Renesas Technology Corp
EL5221 RENESAS-EL5221 Datasheet
602Kb / 13P
Dual 12MHz Rail-to-Rail Input-Output Buffer
EL5421 RENESAS-EL5421 Datasheet
569Kb / 12P
Quad 12MHz Rail-to-Rail Input-Output Buffer
EL5421T RENESAS-EL5421T Datasheet
678Kb / 13P
12MHz Rail-to-Rail Input-Output Buffer
September 25, 2009
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com