Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL5221 Datasheet (PDF) - Intersil Corporation

EL5221 Datasheet PDF - Intersil Corporation
Part # EL5221
Download  EL5221 Download
File Size   166.24 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual 12MHz Rail-to-Rail Input-Output Buffer

EL5221 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL5221 Datasheet PDF - Intersil Corporation

Part # EL5221
Download  EL5221 Click to download

File Size   166.24 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual 12MHz Rail-to-Rail Input-Output Buffer

EL5221 Datasheet (HTML) - Intersil Corporation


EL5221 Product details

The EL5221 is a dual, low power, high voltage rail-to-rail input-output buffer. Operating on supplies ranging from 5V to 15V, while consuming only 500µA per channel, the EL5221 has a bandwidth of 12MHz -(-3dB). The EL5221 also provides rail-to-rail input and output ability, giving the maximum dynamic range at any supply voltage.

Features
• 12MHz -3dB bandwidth
• Unity gain buffer
• Supply voltage = 4.5V to 16.5V
• Low supply current (per buffer) = 500µA
• High slew rate = 10V/µs
• Rail-to-rail operation
• Pb-Free plus anneal available (RoHS compliant)

Applications
• TFT-LCD drive circuits
• Electronics notebooks
• Electronics games
• Personal communication devices
• Personal Digital Assistants (PDA)
• Portable instrumentation
• Wireless LANs
• Office automation
• Active filters
• ADC/DAC buffer




Similar Part No. - EL5221

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5221 RENESAS-EL5221 Datasheet
602Kb / 13P
Dual 12MHz Rail-to-Rail Input-Output Buffer
logo
Elantec Semiconductor
EL5221C ELANTEC-EL5221C Datasheet
263Kb / 13P
Dual 12MHz Rail-to-Rail Input-Output Buffer
EL5221CW-T13 ELANTEC-EL5221CW-T13 Datasheet
263Kb / 13P
Dual 12MHz Rail-to-Rail Input-Output Buffer
EL5221CW-T7 ELANTEC-EL5221CW-T7 Datasheet
263Kb / 13P
Dual 12MHz Rail-to-Rail Input-Output Buffer
logo
Intersil Corporation
EL5221CW-T7 INTERSIL-EL5221CW-T7 Datasheet
218Kb / 13P
Dual 12MHz Rail-to-Rail Input-Output Buffer
July 25, 2007
More results


Similar Description - EL5221

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5221C ELANTEC-EL5221C Datasheet
263Kb / 13P
Dual 12MHz Rail-to-Rail Input-Output Buffer
EL5421C ELANTEC-EL5421C Datasheet
255Kb / 13P
Quad 12MHz Rail-to-Rail Input-Output Buffer
logo
Intersil Corporation
EL5421 INTERSIL-EL5421 Datasheet
228Kb / 11P
Quad 12MHz Rail-to-Rail Input-Output Buffer
June 14, 2004
EL5221 INTERSIL-EL5221_07 Datasheet
218Kb / 13P
Dual 12MHz Rail-to-Rail Input-Output Buffer
July 25, 2007
EL5421 INTERSIL-EL5421_07 Datasheet
179Kb / 12P
Quad 12MHz Rail-to-Rail Input-Output Buffer
August 2, 2007
EL5421T INTERSIL-EL5421T Datasheet
263Kb / 13P
12MHz Rail-to-Rail Input-Output Buffer
September 25, 2009
EL5421TIYZ INTERSIL-EL5421TIYZ Datasheet
260Kb / 13P
12MHz Rail-to-Rail Input-Output Buffer
September 25, 2009
logo
Renesas Technology Corp
EL5221 RENESAS-EL5221 Datasheet
602Kb / 13P
Dual 12MHz Rail-to-Rail Input-Output Buffer
EL5421 RENESAS-EL5421 Datasheet
569Kb / 12P
Quad 12MHz Rail-to-Rail Input-Output Buffer
EL5421T RENESAS-EL5421T Datasheet
678Kb / 13P
12MHz Rail-to-Rail Input-Output Buffer
September 25, 2009
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com