Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL6263C Datasheet (PDF) - Elantec Semiconductor

EL6263C Datasheet PDF - Elantec Semiconductor
Part # EL6263C
Download  EL6263C Download
File Size   138.15 Kbytes
Page   2 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description Quad 20MHz & Quad 70MHz, Switched Gain Pre-Amp

EL6263C Datasheet (PDF)

Go To PDF Page Download Datasheet
EL6263C Datasheet PDF - Elantec Semiconductor

Part # EL6263C
Download  EL6263C Click to download

File Size   138.15 Kbytes
Page   2 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description Quad 20MHz & Quad 70MHz, Switched Gain Pre-Amp

EL6263C Datasheet (HTML) - Elantec Semiconductor


EL6263C Product details

General Description
The EL6263C consists of four 30MHz trans-impedance amplifiers and four 70MHz trans-impedance amplifiers. The four 70MHz amplifier outputs also are averaged to provide differential 70MHz outputs.
The EL6263C is designed to amplify the photodiode currents for CD, DVD, or other photodiode pick-up applications.

Features
• Autozero of output offset to <10mV
• 3 selectable gains
• Space-saving QSOP-24 package
• Differential Sum & Sum-Bar outputs
• Single 5V supply

Applications
• DVD RAM, RW, and ROM
• CD RW, R and ROM
• MO drives
• Optical Pickup pre-amplifier
• Servo positioning systems
• High speed instrumentation




Similar Part No. - EL6263C

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL6261C ELANTEC-EL6261C Datasheet
41Kb / 2P
Quad 20MHz Quad, 80MHz, Switched Gain Pre-Amp
EL6261CU ELANTEC-EL6261CU Datasheet
41Kb / 2P
Quad 20MHz Quad, 80MHz, Switched Gain Pre-Amp
EL6262C ELANTEC-EL6262C Datasheet
137Kb / 2P
Quad 20MHz & Quad, 70MHz, Switched Gain Pre-Amp
EL6262CU ELANTEC-EL6262CU Datasheet
137Kb / 2P
Quad 20MHz & Quad, 70MHz, Switched Gain Pre-Amp
EL6265C ELANTEC-EL6265C Datasheet
141Kb / 2P
13 Channel, 60MHz, Switched Gain Pre-Amp
More results


Similar Description - EL6263C

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2244C ELANTEC-EL2244C Datasheet
445Kb / 16P
Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
EL6262C ELANTEC-EL6262C Datasheet
137Kb / 2P
Quad 20MHz & Quad, 70MHz, Switched Gain Pre-Amp
EL6265C ELANTEC-EL6265C Datasheet
141Kb / 2P
13 Channel, 60MHz, Switched Gain Pre-Amp
logo
Mitsumi Electronics, Co...
MM1366 MITSUMI-MM1366 Datasheet
152Kb / 6P
Quad Differential Amp
logo
Intersil Corporation
EL2444 INTERSIL-EL2444 Datasheet
285Kb / 11P
Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
May 16, 2005
logo
Elantec Semiconductor
EL6261C ELANTEC-EL6261C Datasheet
41Kb / 2P
Quad 20MHz Quad, 80MHz, Switched Gain Pre-Amp
logo
SIPAT Co,Ltd
LBN70A43 SIPAT-LBN70A43 Datasheet
141Kb / 4P
70MHz IF SAW Filter 20MHz Bandwidth
LBN07075 SIPAT-LBN07075_10 Datasheet
149Kb / 3P
70MHz SAW Filter 20MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TB0186A TAI-SAW-TB0186A Datasheet
440Kb / 4P
70MHz SAW IF Filter (BW=20MHz)
logo
Renesas Technology Corp
EL2244 RENESAS-EL2244 Datasheet
761Kb / 11P
Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com